Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586SL Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSM586SL
Description  Soldered 32MB SDRAM (64MB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM586SL Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSM586SL Datasheet HTML 1Page - ADL Embedded Solutions MSM586SL Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
AMD Processor 133MHz - MSM586SL
Feature
• AMD ELAN520 Processor
• 133MHz
• 32/64 Soldered DRAM
• COM1, COM2, COM3, COM4
• RTC and Watchdog Timer
• Single 5VDC Power Supply
• PC/104
Description
The MICROSPACE PC/104 MSM586SL does not
have video on board but otherwise has all the
usual interfaces provided by a standard PC with
additional features such as COM to DOC socket
and a programmable Watchdog timer. The serial
interfaces are available as RS422/485 or TTL.
The soldered SDRAM of the MSM586SL series
makes this computer board less sensitive to shock
and vibration.
Ordering Information
Item Codes
Part#
Description
MSM586SL-32
801344
Soldered 32MB SDRAM
MSM586SL-64 801345
Soldered 64MB SDRAM
Options
Assembly-Kit
710460
4 PC/104 Std. Stand-off posts, Hex Nuts, Screws
MSEIDECK
100-9637
44Pin to two 40Pin IDE cable
MSFC
801071
Adapter for regular floppy drive
MSM-CK
802605
Cable Kit, incl. cable for 1.8/2.5” hard drive
*More options may be available, please contact our Sales office *


Similar Part No. - MSM586SL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM586SEG ADL-MSM586SEG Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
MSM586SEL ADL-MSM586SEL Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
MSM586SEN ADL-MSM586SEN Datasheet
224Kb / 2P
133MHz, 0MB SDRAM
More results

Similar Description - MSM586SL

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
32MB - 4Mx64 SDRAM, UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
64MB- 8Mx64 SDRAM, UNBUFFERED
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
64Mb SDRAM
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
64Mb K-die SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
64Mb DDR SDRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com