Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27L2AI Datasheet(PDF) 18 Page - Texas Instruments

Part # 27L2AI
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27L2AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button 27L2AI Datasheet HTML 14Page - Texas Instruments 27L2AI Datasheet HTML 15Page - Texas Instruments 27L2AI Datasheet HTML 16Page - Texas Instruments 27L2AI Datasheet HTML 17Page - Texas Instruments 27L2AI Datasheet HTML 18Page - Texas Instruments 27L2AI Datasheet HTML 19Page - Texas Instruments 27L2AI Datasheet HTML 20Page - Texas Instruments 27L2AI Datasheet HTML 21Page - Texas Instruments 27L2AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
VDD = 3 V
VDD = 4 V
VDD = 5 V
4
3
2
1
–8
–6
–4
–2
5
–10
IOH – High-Level Output Current – mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = 25°C
VID = 100 mV
Figure 11
TA = 25°C
VID = 100 mV
VDD = 10 V
14
12
10
8
6
4
2
–30
–20
–10
16
–40
IOH – High-Level Output Current – mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–5
–15
– 25
–35
VDD = 16 V
Figure 12
TA = 25°C
RL = 10 kΩ
VID = 100 mV
0
16
2
4
6
8
10
12
14
14
12
10
8
6
4
2
16
VDD – Supply Voltage – V
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 13
VDD = 10 V
VDD = 5 V
–75
– 2.4
TA – Free-Air Temperature – °C
125
VDD – 1.6
–50
–25
0
20
50
75
100
– 2.3
– 2.2
– 2.1
–2
– 1.9
– 1.8
– 1.7
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VID = 100 mA
IOH = – 5 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com