Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM855 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSM855
Description  Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM855 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSM855 Datasheet HTML 1Page - ADL Embedded Solutions MSM855 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
Intel® Pentium® M CPU 0.6 / 1.0 / 1.4 / 1.8GHz - MSM855 Series
Features
• Intel® Pentium®-M
• 0.6 / 1.0 / 1.4 / 1.8GHz
• Power Management
• 128-1024 MB DDR333 SDRAM
• Direct-X compatible Video Controller
• CRT/LCD on-board
• 10/100Base-T Ethernet LAN
• 5x USB 2.0 Ports
• PATA Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• EEPROM Setup Save
• Single 5VDC Power Supply
• PC/104-Plus BUS option
• PC/104 BUS (16-bit with B versions)
Description
The MSM855 is a member of the very successful PC/104+ family from
Digital-Logic AG. This product, in conjunction with the SM855, is a high
performance computer. With a 1.4GHz Pentium-M processor (SM855-
P738) the MSM855 possesses performance specifications similar to a
2.8GHz Pentium-4 motherboard.
The memory can be expanded up to 1024MB with a 333MHz DDR-
SODIMM module. The integrated video controller can control two inde-
pendent displays (CRT or LVDS/DVI). The graphic controller is compatible
up to Direct-X9.0. This product includes 5x USB 2.0 ports allowing for
multiple connectivity options. For multimedia applications, the 5.1 sound
provides six output channels and two input channels.
The ISA Bus is generated from a PCI-ISA-bridge (B, B2 versions only), or
an ITE8888 LPC Bridge Chip to provide an expansion bus for PC/104
interface Cards. Over the PC/104-Plus connector, up to four cards can be
connected (three for B versions).
The CPU has very low typical power consumption and uses Intel Speed-
Step® to help minimize the current consumption (Pentium-M only). The
BIOS allows boot from all available medias.
Ordering Information
Item Codes
Part#
Description
Baseboard Options
MSM855
803010
Baseboard only
MSM855B
803060
Baseboard (incl. LAN transformer)
MSM855B2
803062
Baseboard (incl. 2nd LAN and transformer)
smartModule Options
SM855-C300
805166
Celeron-M 600MHz, 512k L2 cache
SM855-C140
805192
Celeron-M 1.0GHz, 0k L2 cache
SM855-C373
805163
Celeron-M 1.0GHz, 512k L2 cache
SM855-P738
805164
Pentium-M 738, 1.4GHz, 2048k L2 cache
SM855-P745
805168
Pentium-M 745, 1.8GHz, 2048k L2 cache
Configuration Options And Accessories
-CF
807008
Compact Flash Socket
-L+
807006
PC/104-plus Connector Long
MSM855-LANCON
803020
Cable & Connector Board
MSM855B-LANCON
803021
Cable & Connector Board (for B versions)
MSM855-CKCON
803030
Cable Kit w/Connector Board
MSM855B-CKCON
803034
Cable Kit w/Connector Board (for B versions)
Memory Options
DDR-DRAM128-3
994715
128MB 333MHz DDR
DDR-DRAM256-3
994825
256MB 333MHz DDR
DDR-DRAM512-3
994925
512MB 333MHz DDR
DDR-DRAM1024-3
994025
1024MB 333MHz DDR
Extended Temp. DRAM available. . .
*More options may be available, please contact our Sales office *


Similar Part No. - MSM855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM855 ETC2-MSM855 Datasheet
186Kb / 2P
Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
More results

Similar Description - MSM855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM855 ETC2-MSM855 Datasheet
186Kb / 2P
Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Advantech Co., Ltd.
SOM-4481 ADVANTECH-SOM-4481 Datasheet
308Kb / 2P
Intel짰 Pentium짰 M, 855GME ETX CPU Module
SOM-4487 ADVANTECH-SOM-4487 Datasheet
299Kb / 2P
Intel짰 Pentium짰 M, 915GME/910GMLE ETX CPU Module
logo
AAEON Technology
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
FSB-866G AAEON-FSB-866G Datasheet
638Kb / 2P
Intel짰 Pentium짰 4/ Celeron짰 D CPU
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com