Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM855B2 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSM855B2
Description  Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM855B2 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSM855B2 Datasheet HTML 1Page - ADL Embedded Solutions MSM855B2 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
Technical Specifications
FEATURES
MSM855
MSM855B
MSM855B2
Part Number
803010
803060
803062
CPU
Intel® Pentium® M / Celeron® M
Intel® Pentium® M / Celeron® M
Intel® Pentium® M / Celeron® M
2nd Level Cache
0-2MB (CPU dependent)
0-2MB (CPU dependent)
0-2MB (CPU dependent)
Performance (MHz)
0.6-1.8GHz
0.6-1.8GHz
0.6-1.8GHz
Chipset
Intel® 855GM / ICH4
Intel® 855GM / ICH4
Intel® 855GM / ICH4
DRAM Min-Max (MB)
DDR333-SODIMM 128-1024 MB
DDR333-SODIMM 128-1024 MB
DDR333-SODIMM 128-1024 MB
Power Management
yes
yes
yes
DiskOnChip Socket
CompactFlash Socket
Optional (not with L+)
Optional (not with L+)
Optional (not with L+)
Mouse, Keyboard
Yes PS/2
Yes PS/2
Yes PS/2
Floppy Interface
yes
yes
yes
IDE Interface
1x PATA
1x PATA
1x PATA
Onboard IDE-Flash
COM1
V24/RS232C
V24/RS232C
V24/RS232C
COM2
V24/RS232C
V24/RS232C
V24/RS232C
COM3
COM4
LPT1
yes
yes
yes
USB
6 (V2.0)
6 (V2.0)
6 (V2.0)
LAN
10/100BASE-T (transformer off board)
10/100BASE-T incl. Transformer
2x 10/100BASE-T incl. Transformer
Audio
AC97, 5.1 Sound
AC97, 5.1 Sound
AC97, 5.1 Sound
Video Controller
i855GME
i855GME
i855GME
Video Datapath
32 Bit
32 Bit
32 Bit
Video Memory
16-64 MB
16-64 MB
16-64 MB
CRT Video
analog XVGA
analog XVGA
analog XVGA
LCD Interface
DVO/LVDS
DVO/LVDS
DVO/LVDS
LCD Resolution
1600 x 1280
1600 x 1280
1600 x 1280
Video Input
EEPROM Support
yes
yes
yes
RTC Battery
410mAh
80mAh
80mAh
Power Normal (typ)
5V/~2.5A (@512/0.6GHz)
5V/~2.7A (@512/1.0GHz)
5V/~3.4A (@512/1.4GHz)
Power Suspend
5V/~2A (@0.6GHz)
5V/~2A (@0.6GHz)
5V/~2.2A (@0.6GHz)
Cooling Type
passive
passive/active
passive/active
Operating Temp.
-25°C to +60°C
-25°C to +60°C
-25°C to +60°C
Extended Temp.
-40°C to +70°C
-40°C to +70°C
-40°C to +70°C
Weight (gr)
274
274
274
MTBF
> 200’000 h
> 200’000 h
> 200’000 h
Watchdog
yes
yes
yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com