Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO-32 Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # USB-DIO-32
Description  Enclosure, module and screw terminal board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DIO-32 Datasheet(HTML) 3 Page - ADL Embedded Solutions

  USB-DIO-32 Datasheet HTML 1Page - ADL Embedded Solutions USB-DIO-32 Datasheet HTML 2Page - ADL Embedded Solutions USB-DIO-32 Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC/104 – USB I/O
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Digital Inputs (TTL Compatible)
Logic High:
2.0 to 5.0 VDC
Logic Low:
-0.5 to +0.8 VDC
Digital Outputs
Logic High:
2.0 VDC minimum source 32 mA
Logic Low:
0.55 VDC maximum sink 64 mA
Optional Counter/Timers
Type:
82C54-10 programmable interval counters
Output Drive:
2.0 VDC minimum source 32 mA
Input Gate:
TTL/CMOS compatible
Clock:
On-board
Active Count Edge:
Negative Edge
Minimum Clock Pulse Width:
30 nS high 40 nS low
Timer Range:
16 bits
Maximum Input Frequency:
10MHz
Bus Type
USB 2.0 High-speed
USB 1.1 Full-speed compatible
Environmental
Operating Temperature Range:
0° to 70°C (extended temp available)
Storage Temperature Range:
-40° to +85°C
Humidity:
5% - 95%, non-condensing
Board Dimension:
3.550 x 3.775 inches
Box Dimension:
4.00 x 4.00 x 1.25 inches
Power
0.55 VDC maximum
+5VDC provided via USB bus up to 500mA**
Basic Unit with Three Counters: 100mA typical (no load)
+5VDC resettable fuse at 0.5A located on connector
Specifications
** Optional on-board external power circuitry and AC/DC adapter can be ordered (“-P” option) if current use is expected to be greater than what can be supplied by the USB bus.
Please check to see how much current your USB port can supply and how much current you anticipate using.
Ordering Guide
USB-DIO-32
Enclosure, module and screw terminal board
Options
-OEM
Board only version (no enclosure and screw terminal board)
-E
Economy model (no screw terminal board)
-DIN
DIN rail mounting provision
-P
External power and AC/DC adapter
-Cx
Number of counters (where x = 1, 2 or 3 counters)
Accessories
UTBK-50
External plug-in screw terminal board



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com