Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC540I Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC540I
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC540I Datasheet(HTML) 1 Page - Texas Instruments

  TLC540I Datasheet HTML 1Page - Texas Instruments TLC540I Datasheet HTML 2Page - Texas Instruments TLC540I Datasheet HTML 3Page - Texas Instruments TLC540I Datasheet HTML 4Page - Texas Instruments TLC540I Datasheet HTML 5Page - Texas Instruments TLC540I Datasheet HTML 6Page - Texas Instruments TLC540I Datasheet HTML 7Page - Texas Instruments TLC540I Datasheet HTML 8Page - Texas Instruments TLC540I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065A – OCTOBER 1983 – REVISED MARCH 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 8-Bit Resolution A/D Converter
D Microprocessor Peripheral or Stand-Alone
Operation
D On-Chip 12-Channel Analog Multiplexer
D Built-in Self-Test Mode
D Software-Controllable Sample and Hold
D Total Unadjusted Error... ±0.5 LSB Max
D TLC541 is Direct Replacement for Motorola
MC145040 and National Semiconductor
ADC0811. TLC540 is Capable of Higher
Speed
D Pinout and Control Signals Compatible
with TLC1540 Family of 10-Bit A/D
Converters
D CMOS Technology
PARAMETER
TLC540
TLC541
Channel Acquisition Sample Time
Conversion Time (Max)
Samples per Second (Max)
Power Dissipation (Max)
2
µs
9
µs
75 x 103
12.5 mW
3.6
µs
17
µs
40 x 103
12.5 mW
description
The TLC540 and TLC541 are CMOS A / D
converters built around an 8-bit switched-
capacitor
successive-approximation
A/D
converters. They are designed for serial interface
to a microprocessor or peripheral via a 3-state
output with up to four control inputs, including
independent SYSTEM CLOCK, I/O CLOCK, chip
select (CS), and ADDRESS INPUT. A 4-MHz
system clock for the TLC540 and a 2.1-MHz
system clock for the TLC541 with a design that
includes simultaneous read/write operation allow high-speed data transfers and sample rates of up to
75,180samples per second for the TLC540 and 40,000 samples per second for the TLC541. In addition to the
high-speed converter and versatile control logic, there is an on-chip 12-channel analog multiplexer that can be
used to sample any one of 11 inputs or an internal self-test voltage, and a sample-and-hold that can operate
automatically or under microprocessor control. Detailed information on interfacing to most popular
microprocessors is readily available from the factory.
AVAILABLE OPTIONS
PACKAGE
TA
SO PLASTIC DIP
(DW)
PLASTIC DIP
(N)
CHIP CARRIER
(FN)
–40
°C to 85°C
—
TLC541IDW
TLC540IN
TLC541IN
TLC540IFN
TLC541IFN
–55
°C to 125°C
—
TLC541MN
—
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INPUT A0
INPUT A1
INPUT A2
INPUT A3
INPUT A4
INPUT A5
INPUT A6
INPUT A7
INPUT A8
GND
VCC
SYSTEM CLOCK
I/O CLOCK
ADDRESS INPUT
DATA OUT
CS
REF +
REF –
INPUT A10
INPUT A9
DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O CLOCK
ADDRESS INPUT
DATA OUT
CS
REF +
INPUT A3
INPUT A4
INPUT A5
INPUT A6
INPUT A7
FN PACKAGE
(TOP VIEW)


Similar Part No. - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC540I TI1-TLC540I Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDW TI1-TLC540IDW Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWG4 TI1-TLC540IDWG4 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWR TI1-TLC540IDWR Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IDWRG4 TI1-TLC540IDWRG4 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC540I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC542C TI-TLC542C Datasheet
169Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com