Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQ36480HPC4FNRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # IQ36480HPC4FNRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36480HPC4FNRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  IQ36480HPC4FNRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Technical
Specification
IQ36-HPC Family
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 2
NOTES
1)Pins1-3,5-7are0.040"(1.02mm)diameterwith0.080"
(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.080”(2.03mm)diameterwith0.125”
(3.18mm)diameterstandoffshoulders.
3)Recommendedpinlengthis0.03"(0.76mm)greaterthanthe
PCBthickness.
4)AllPins:Material-CopperAlloy;Finish-MatteTinoverNickel
plate
5)Weight: 5oz.(142g)typical
6)Alldimensionsininches(mm)
Tolerances: x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
7)Workmanship:MeetsorexceedscurrentIPC-A-610ClassII
8)Appliedtorqueperscrewshouldnotexceed6in-lb.(0.7Nm).
9)Baseplateflatnesstoleranceis0.004"(.10mm)TIRforsurface.
Notes:
1. SENSE(–)shouldbeconnectedtoVout(–)eitherremotelyoratthe
converter.
2. LeaveTRIMpinopenfornominaloutputvoltage.
3. SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyoratthe
converter.
PINDESIGNATIONS
MECHANICALDIAGRAM
Pin
No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTLinputtoturnconverter
on and off, referenced to
Vin(-)withinternalpullup
3
Vin(-)
Negativeinputvoltage
4
Vout(-)
Negativeoutputvoltage
5
SENSE(-)
Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positive remote sense3
8
Vout(+)
Positive output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com