Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC552C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC552C
Description  DUAL LINCMOSE TIMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC552C Datasheet(HTML) 1 Page - Texas Instruments

  TLC552C Datasheet HTML 1Page - Texas Instruments TLC552C Datasheet HTML 2Page - Texas Instruments TLC552C Datasheet HTML 3Page - Texas Instruments TLC552C Datasheet HTML 4Page - Texas Instruments TLC552C Datasheet HTML 5Page - Texas Instruments TLC552C Datasheet HTML 6Page - Texas Instruments TLC552C Datasheet HTML 7Page - Texas Instruments TLC552C Datasheet HTML 8Page - Texas Instruments TLC552C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLC552C
DUAL LINCMOS
™ TIMER
SLFS046 – FEBRUARY 1984 – REVISED MAY 1988
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Very Low Power Consumption ...2 mW
Typ at VDD = 5 V
D Capable of Operation in Astable Mode
D CMOS Output Capable of Swinging Rail to
Rail
D High Output-Current Capability
Sink 100 mA Typ
Source 10 mA Typ
D Output Fully Compatible With CMOS, TTL,
and MOS
D Low Supply Current Reduces Spikes
During Output Transitions
D High-Impedance Inputs ...1012 Ω Typ
D Single-Supply Operation From 1 V to 18 V
D Functionally Interchangeable With the
NE556; Has Same Pinout
description
The TLC552 is a dual monolithic timing circuit
fabricated using TI LinCMOS
™ process, which
provides full compatibility with CMOS, TTL, and
MOS logic and operation at frequencies up to
2 MHz. Accurate time delays and oscillations are
possible with smaller, less-expensive timing
capacitors than the NE555 because of the high
input impedance. Power consumption is low
across the full range of power supply voltages.
Like the NE556, the TLC552 has a trigger level
approximately one-third of the supply voltage and
a threshold level approximately two-thirds of the
supply voltage. These levels can be altered by use
of the control voltage terminal. When the trigger
input falls below the trigger level, the flip-flop is set
and the output goes high. If the trigger input is
above the trigger level and the threshold input is
above the threshold level, the flip-flop is reset and
the output is low. The reset input can override all other inputs and can be used to initiate a new
timing cycle. If the reset input is low, the flip-flop is reset and the output is low. Whenever the output is low, a
low-impedance path is provided between the discharge terminal and ground.
While the CMOS output is capable of sinking over 100 mA and sourcing over 10 mA, the TLC552 exhibits greatly
reduced supply-current spikes during output transitions. This minimizes the need for the large decoupling
capacitors required by the NE556.
LinCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1988, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DSCH
THRES
CONT
RESET
OUT
TRIG
GND
VDD
DSCH
THRES
CONT
RESET
OUT
TRIG
D OR N PACKAGE
(TOP VIEW)
TIMER
# 2
TIMER
# 1
functional block diagram (each timer)
RESET can override TRIG and THRES.
TRIG can override THRES.
OPERATING
TEMPERATURE
RANGE
VT max
at 25
°C
DEVICE
PACKAGE
SUFFIX
SYMBOLIZATION
TLC552C
D,N
0
°C to 70°C
3.8 mV
AVAILABLE OPTIONS
THRES
VDD
R
CONT
R
TRIG
R
R1
R1
S
GND
RESET
OUT
DSCH
The D packages are available taped and reeled. Add the suffix R
to the device type when ordering (i.e., TLC552CDR).


Similar Part No. - TLC552C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC552C TI-TLC552C Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC552C TI2-TLC552C Datasheet
255Kb / 14P
DUAL LINCMOSE TIMER
REVISED MAY 1988
TLC552CD TI-TLC552CD Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC552CD TI1-TLC552CD Datasheet
473Kb / 13P
DUAL LINCMOSE TIMER
TLC552CD TI2-TLC552CD Datasheet
255Kb / 14P
DUAL LINCMOSE TIMER
REVISED MAY 1988
More results

Similar Description - TLC552C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC252 TI-TLC252 Datasheet
330Kb / 21P
LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
DUAL LINCMOSE TIMER
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC352 TI1-TLC352_16 Datasheet
1Mb / 18P
LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com