Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC548ID Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC548ID
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC548ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC548ID Datasheet HTML 2Page - Texas Instruments TLC548ID Datasheet HTML 3Page - Texas Instruments TLC548ID Datasheet HTML 4Page - Texas Instruments TLC548ID Datasheet HTML 5Page - Texas Instruments TLC548ID Datasheet HTML 6Page - Texas Instruments TLC548ID Datasheet HTML 7Page - Texas Instruments TLC548ID Datasheet HTML 8Page - Texas Instruments TLC548ID Datasheet HTML 9Page - Texas Instruments TLC548ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
See Note B
0.4 V
2.4 V
tf(bus)
Output
tr(bus)
0.8 V
2.4 V
0.8 V
td
DATA OUT
VOLTAGE WAVEFORMS FOR RISE AND FALL TIMES
VOLTAGE WAVEFORMS FOR DELAY TIME
VCC
3 k
Ω
3 k
Ω
VCC
See Note B
50%
50%
0 V
0 V
tPLZ
I/O CLOCK
VOLTAGE WAVEFORMS FOR ENABLE AND DISABLE TIMES
Output Waveform 1
(see Note C)
tPHZ
VOH
90%
10%
tPZL
0 V
VCC
50%
CS
LOAD CIRCUIT FOR
tPZL AND tPLZ
LOAD CIRCUIT FOR
tPZH AND tPHZ
LOAD CIRCUIT FOR
td, tr, AND tf
See Note B
Output
Under Test
Test
Point
3 k
Ω
1.4 V
Output Waveform 2
(see Note C)
CL
(see Note A)
Output
Under Test
Test
Point
CL
(see Note A)
Output
Under Test
Test
Point
CL
(see Note A)
tPZH
50%
NOTES: A. CL = 50 pF for TLC548 and 100 pF for TLC549; CL includes jig capacitance.
B. ten = tPZH or tPZL, tdis = tPHZ or tPLZ.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
Figure 1. Load Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com