Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC556CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556CD
Description  DUAL LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC556CD Datasheet(HTML) 2 Page - Texas Instruments

  TLC556CD Datasheet HTML 1Page - Texas Instruments TLC556CD Datasheet HTML 2Page - Texas Instruments TLC556CD Datasheet HTML 3Page - Texas Instruments TLC556CD Datasheet HTML 4Page - Texas Instruments TLC556CD Datasheet HTML 5Page - Texas Instruments TLC556CD Datasheet HTML 6Page - Texas Instruments TLC556CD Datasheet HTML 7Page - Texas Instruments TLC556CD Datasheet HTML 8Page - Texas Instruments TLC556CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
VDD
PACKAGE
CHIP FORM
TA
RANGE
VDD
RANGE
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
CHIP FORM
(Y)
O
°C
to
70
°C
2 V
to
18 V
TLC556CD
TLC556CN
TLC556Y
–4O
°C
to
85
°C
3 V
to
18 V
TLC556lD
TLC556IN
–55
°C
to
125
°C
5 V
to
18 V
TLC556MD
TLC556MFK
TLC556MJ
TLC556MN
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC556CDR).
FUNCTION TABLE
RESET
VOLTAGE†
TRIGGER
VOLTAGE†
THRESHOLD
VOLTAGE†
OUTPUT
DISCHARGE
SWITCH
< MIN
Irrelevant
Irrelevant
L
On
> MAX
< MIN
Irrelevant
H
Off
>MAX
>MAX
>MAX
L
On
> MAX
> MAX
< MIN
As previously established
† For conditions shown as MIN or MAX, use the appropriate value specified under electrical characteristics.
functional block diagram (each timer)
OUT
DISCH
R1
R
S
1
RESET
CONT
VDD
THRES
R
R
R
GND
TRIG
3
5
1
4
14
2
6
7
RESET can override TRIG and THRES.
TRIG can override THRES.
Pin numbers shown are for the D, J, or N packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com