Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC555CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CP
Description  LinCMOSE TIMERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CP Datasheet(HTML) 1 Page - Texas Instruments

  TLC555CP Datasheet HTML 1Page - Texas Instruments TLC555CP Datasheet HTML 2Page - Texas Instruments TLC555CP Datasheet HTML 3Page - Texas Instruments TLC555CP Datasheet HTML 4Page - Texas Instruments TLC555CP Datasheet HTML 5Page - Texas Instruments TLC555CP Datasheet HTML 6Page - Texas Instruments TLC555CP Datasheet HTML 7Page - Texas Instruments TLC555CP Datasheet HTML 8Page - Texas Instruments TLC555CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very Low Power Consumption
− 1 mW Typ at VDD = 5 V
D Capable of Operation in Astable Mode
D CMOS Output Capable of Swinging Rail
to Rail
D High Output-Current Capability
− Sink 100 mA Typ
− Source 10 mA Typ
D Output Fully Compatible With CMOS, TTL,
and MOS
D Low Supply Current Reduces Spikes
During Output Transitions
D Single-Supply Operation From 2 V to 15 V
D Functionally Interchangeable With the
NE555; Has Same Pinout
D ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015.2
D Available in Q-Temp Automotive
High Reliability Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
description
The TLC555 is a monolithic timing circuit
fabricated using the TI LinCMOS
 process. The
timer is fully compatible with CMOS, TTL, and
MOS logic and operates at frequencies up to
2 MHz. Because of its high input impedance, this
device uses smaller timing capacitors than those
used by the NE555. As a result, more accurate
time delays and oscillations are possible. Power
consumption is low across the full range of power
supply voltage.
Like the NE555, the TLC555 has a trigger level equal to approximately one-third of the supply voltage and a
threshold level equal to approximately two-thirds of the supply voltage. These levels can be altered by use of
the control voltage terminal (CONT). When the trigger input (TRIG) falls below the trigger level, the flip-flop is
set and the output goes high. If TRIG is above the trigger level and the threshold input (THRES) is above the
threshold level, the flip-flop is reset and the output is low. The reset input (RESET) can override all other inputs
and can be used to initiate a new timing cycle. If RESET is low, the flip-flop is reset and the output is low.
Whenever the output is low, a low-impedance path is provided between the discharge terminal (DISCH) and
GND. All unused inputs should be tied to an appropriate logic level to prevent false triggering.
While the CMOS output is capable of sinking over 100 mA and sourcing over 10 mA, the TLC555 exhibits greatly
reduced supply-current spikes during output transitions. This minimizes the need for the large decoupling
capacitors required by the NE555.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1983−2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments.
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
DISCH
NC
THRES
NC
NC
TRIG
NC
OUT
NC
FK PACKAGE
(TOP VIEW)
D, DB, JG, OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
VDD
DISCH
THRES
CONT
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
NC
TRIG
NC
OUT
NC
RESET
VDD
NC
DISCH
NC
THRES
NC
CONT
PW PACKAGE
(TOP VIEW)
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC555CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555CP TI1-TLC555CP Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC555CP TI-TLC555CP Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
TLC555CP TI1-TLC555CP Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555CPE4 TI1-TLC555CPE4 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC555CPE4 TI-TLC555CPE4 Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
More results

Similar Description - TLC555CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
Texas Instruments
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com