Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5618ACD Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC5618ACD
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5618ACD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5618ACD Datasheet HTML 11Page - Texas Instruments TLC5618ACD Datasheet HTML 12Page - Texas Instruments TLC5618ACD Datasheet HTML 13Page - Texas Instruments TLC5618ACD Datasheet HTML 14Page - Texas Instruments TLC5618ACD Datasheet HTML 15Page - Texas Instruments TLC5618ACD Datasheet HTML 16Page - Texas Instruments TLC5618ACD Datasheet HTML 17Page - Texas Instruments TLC5618ACD Datasheet HTML 18Page - Texas Instruments TLC5618ACD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
buffer amplifier
The output buffer has a rail-to-rail output with short circuit protection and can drive a 2-k
Ω load with a 100-pF
load capacitance. Settling time is a software selectable 12.5
µs or 2.5 µs, typical to within ± 0.5 LSB of final value.
external reference
The reference voltage input is buffered, which makes the DAC input resistance not code dependent. Therefore,
the REFIN input resistance is 10 M
Ω and the REFIN input capacitance is typically 5 pF, independent of input
code. The reference voltage determines the DAC full-scale output.
logic interface
The logic inputs function with CMOS logic levels. Most of the standard high-speed CMOS logic families may
be used.
serial clock and update rate
Figure 1 shows the TLC5618 timing. The maximum serial clock rate is:
f
(SCLK)max +
1
t
w CH min )
t
w CL min
+ 20 MHz
The digital update rate is limited by the chip-select period, which is:
tp(CS) + 16
t
w CH )
t
w CL
) t
su CS1
This equals an 810-ns or 1.23-MHz update rate. However, the DAC settling time to 12 bits limits the update rate
for full-scale input step transitions.
serial interface
When chip select (CS) is low, the input data is read into a 16-bit shift register with the input data clocked in, most
significant bit first. The falling edge of the SCLK input shifts the data into the input register.
The rising edge of CS then transfers the data to the DAC register. When CS is high, input data cannot be clocked
into the input register.
The 16 bits of data can be transferred with the sequence shown in Figure 19.
D15
D14
D13
D12
D11
12 Data Bits
D0
Program Bits
Data Bits
16 Bits
MSB (Input Word)
MSB (Data)
LSB (Data, Input Word)
Figure 19. Input Data Word Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com