Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5620CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5620CD
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5620CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5620CD Datasheet HTML 5Page - Texas Instruments TLC5620CD Datasheet HTML 6Page - Texas Instruments TLC5620CD Datasheet HTML 7Page - Texas Instruments TLC5620CD Datasheet HTML 8Page - Texas Instruments TLC5620CD Datasheet HTML 9Page - Texas Instruments TLC5620CD Datasheet HTML 10Page - Texas Instruments TLC5620CD Datasheet HTML 11Page - Texas Instruments TLC5620CD Datasheet HTML 12Page - Texas Instruments TLC5620CD Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
4
3.8
3.4
3.2
3
4.8
3.6
0
10
203040
5060
4.4
4.2
4.6
DAC OUTPUT VOLTAGE
vs
OUTPUT LOAD
5
70
80
90
100
RL – Output Load – kΩ
VDD = 5 V,
Vref = 2.5 V,
Range = 2x
Figure 10
2
1.5
0.5
0
010
20
30
40
50
60
2.5
3.5
4
70
80
90
100
1
3
DAC OUTPUT VOLTAGE
vs
OUTPUT LOAD
VDD = 5 V,
Vref = 3.5 V,
Range = 1x
RL – Output Load – kΩ
Figure 11
4
3
1
0
01
2
3
5
7
OUTPUT SOURCE CURRENT
vs
OUTPUT VOLTAGE
8
45
2
6
VDD = 5 V
TA = 25°C
Vref = 2 V
Range =
×2
Input Code = 255
VO – Output Voltage – V
Figure 12
1
0.9
0.85
0.8
1.1
1.15
SUPPLY CURRENT
vs
TEMPERATURE
1.2
1.05
0.95
– 50
0
50
100
VDD = 5 V
Vref 2 V
Range =
×2
Input Code = 255
t – Temperature –
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com