Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5733A Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5733A
Description  20 MSPS 3-CHANNEL ANALOG-TO-DIGITAL CONVERTER WITH HIGH-PRECISION CLAMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5733A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5733A Datasheet HTML 16Page - Texas Instruments TLC5733A Datasheet HTML 17Page - Texas Instruments TLC5733A Datasheet HTML 18Page - Texas Instruments TLC5733A Datasheet HTML 19Page - Texas Instruments TLC5733A Datasheet HTML 20Page - Texas Instruments TLC5733A Datasheet HTML 21Page - Texas Instruments TLC5733A Datasheet HTML 22Page - Texas Instruments TLC5733A Datasheet HTML 23Page - Texas Instruments TLC5733A Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TLC5733A
20 MSPS 3-CHANNEL ANALOG-TO-DIGITAL CONVERTER
WITH HIGH-PRECISION CLAMP
SLAS104A – JULY 1995 – REVISED NOVEMBER 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
16 k
Ω
2.2 k
Ω
110
Ω
4.3 k
Ω
1.8 k
Ω
10
µF
5.6 k
Ω
75
Ω
1 k
Ω
CW
470
Ω
5.6 k
Ω
1.8 k
Ω
Gain Adjust
C2
2VI(PP)
PNP: 2SA733
NPN: 2SC1815
Channel–A
Analog
Signal Input
1VI(PP)
VIN(A)
R1
63
60
59
CLPV(A)
CLP OUT A
OE(A)
2
Buffer Amp
ADC
Channel–A
to
Channel–C
Channel–B
Channel–C
55
EXTCLP
56
CLK
57
CLPEN
58
INIT
3
NT/PAL
4
TEST
CLK IN
10
µF
Clamp Pulse IN
TLC5733A
C1
DQ
TLC5733A
C2
0.22
µF
R1
15 k
Ω
C1
2200 pF
Buffer Amplifier
Figure 9. Interface Using External Clamp Pulse With Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com