Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5902 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5902
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5902 Datasheet HTML 1Page - Texas Instruments TLC5902 Datasheet HTML 2Page - Texas Instruments TLC5902 Datasheet HTML 3Page - Texas Instruments TLC5902 Datasheet HTML 4Page - Texas Instruments TLC5902 Datasheet HTML 5Page - Texas Instruments TLC5902 Datasheet HTML 6Page - Texas Instruments TLC5902 Datasheet HTML 7Page - Texas Instruments TLC5902 Datasheet HTML 8Page - Texas Instruments TLC5902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 80 mA × 16 Bits and 120 mA × 8 Bits
Drive Capability and Output Counts
D 5 mA to 80 mA/10 mA to 120 mA Constant
Current Output Range
D Constant Currency Accuracy of ±4%
(Maximum Error Between Bits)
D Constant Current Output Terminals
– 0.4 V (Output Current 0 to 40 mA)
– 0.7 V (Output Current 40 to 80 mA)
D 256 Gray Scale Display With Pulse Width
Control 256 Steps
D Brightness Adjustment
– Output Current Adjustment for 32 Steps
(Adjustment for Brightness Deviation
Between LEDs)
– 8 Steps Brightness Control by 8 Times
Speed Gray Scale Control Clock
(Brightness Adjustment for Panel)
D Protection
– WDT Function
– TSD Function
D Clock Synchronized 8-Bit Parallel Input
D Anode Common LED Type Applied
D CMOS Input Signal Level
(Schmitt-Triggered Input for All Input
Terminals)
D 4.5 V to 5.5 V Power Supply Voltage
D 15 V Maximum Output Voltage
D 15 MHz Maximum Data Transfer Rate
D 4 MHz Maximum Gray Scale Clock
Frequency
D –20°C to 85°C Operating Free-Air
Temperature Range
D 100-Pin HTQFP Package
(PD = 4.7 W, TA = 25°C)
description
The TLC5902 is a constant current driver that incorporates shift register, data latch, and constant current
circuitry with a current value adjustable and 256 gray-scale display that uses pulse width control. The output
current can be selected as maximum 80 mA with 16 bits or 120 mA with 8 bits. The current value of the constant
current output is set by one external resister. After this device is mounted on a printed-circuit board (PCB), the
brightness deviation between LEDs (ICs) can be adjusted using an external data input, and the brightness
control for the panel can be adjusted using the brightness adjustment circuitry. Moreover, the device
incorporates watchdog timer (WDT) circuitry, which turns the constant current output off when the scan signal
is stopped during dynamic scanning operation, and thermal shutdown (TSD) circuitry, which turns constant
current output off when the junction temperature exceeds the limit.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC5902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
LED DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDBQR TI-TLC59025IDBQR Datasheet
696Kb / 21P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDWR TI-TLC59025IDWR Datasheet
696Kb / 21P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IPWR TI-TLC59025IPWR Datasheet
696Kb / 21P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com