Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5911 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5911
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5911 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5911 Datasheet HTML 17Page - Texas Instruments TLC5911 Datasheet HTML 18Page - Texas Instruments TLC5911 Datasheet HTML 19Page - Texas Instruments TLC5911 Datasheet HTML 20Page - Texas Instruments TLC5911 Datasheet HTML 21Page - Texas Instruments TLC5911 Datasheet HTML 22Page - Texas Instruments TLC5911 Datasheet HTML 23Page - Texas Instruments TLC5911 Datasheet HTML 24Page - Texas Instruments TLC5911 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TLC5911
LED DRIVER
SLLS402 – DECEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LOD function (LED open detection)
When LEDCHK is low, the LED disconnection detection function is disabled and XDOWN2 goes to a
high-impedance state. When LEDCHK is high, the LED disconnection detection function is enabled, and
XDOWN2 goes low if any LED is disconnected while monitoring the OUTn terminals to be turned on. This
function is operational for sixteen OUTn terminals individually. To determine which constant current output is
disconnected, the level of XDOWN2 is checked 16 times from OUT0 to OUT15 turning one constant current
output on. The power supply voltage should be set so the constant current output applied is above 0.4 V when
the LED is turned on normally. Also, since approximately 1000 ns is required from turning the constant current
output on to XDOWN2 output, the gray scale data to be turned on during that period should be applied.
Table 8 is an example of XDOWN2 output status using four LEDs .
Table 8. XDOWN2 Output Example
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
ON
ON
DETECTION RESULT
GOOD
NG
GOOD
NG
XDOWN2
LOW (by case 2, 4)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
OFF
OFF
DETECTION RESULT
GOOD
NG
GOOD
GOOD
XDOWN2
LOW (by case 2)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
OFF
OFF
OFF
OFF
DETECTION RESULT
GOOD
GOOD
GOOD
GOOD
XDOWN2
HIGH-IMPEDANCE
noise reduction
concurrent switching noise reduction
Concurrent switching noise has a potential to occur when multiple outputs turn on or off at the same time. To
prevent this noise, the device has delay output terminals such as XGSOUT, BOUT for GSCLK (gray scale clock),
and BLANK (blanking signal) respectively. By connecting these outputs to the GSCLK and BLANK terminals
of next stage IC, it allows differences in the switching time between ICs. When GSCLK is output to GSOUT
through the device, duty will be changed between input and output. The number of stages to be connected will
be limited depending on the frequency.
delay between constant current output
The constant current output has a delay time of approximately 20 ns between outputs. It means approximately
300 ns delay time exists between OUT0 and OUT15. This time difference by delay is effective for the reduction
of concurrent switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com