Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5921 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5921 Datasheet HTML 1Page - Texas Instruments TLC5921 Datasheet HTML 2Page - Texas Instruments TLC5921 Datasheet HTML 3Page - Texas Instruments TLC5921 Datasheet HTML 4Page - Texas Instruments TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Drive Capability and Output Counts
– 80 mA (Current Sink) x 16 Bits
D Constant Current Output Range
– 1 to 80 mA (Current Value Setting for All
Output Terminals Using External Resistor)
D Constant Current Accuracy
–
±1% (Typ)
–
±4% (Max) (Maximum Error Between
Bits, All Bits On)
D Voltage Applied to Constant Current Output
Terminal
– Minimum 0.6 V (Output Current 40 mA)
– Minimum 1 V (Output Current 80 mA)
D Data Input
– Clock Synchronized 1 Bit Serial Input
D Data Output
– Clock Synchronized 1 bit Serial Output
(With Timing Selection)
D Input/Output Signal Level . . . CMOS Level
D Power Supply Voltage . . . 4.5 V to 5.5V
D Maximum Output Voltage . . . 17 V (Max)
D Data Transfer Rate . . . 20 MHz (Max)
D Operating Free-Air Temperature Range
–20
°C to 85°C
D Available in 32 Pin HTSSOP DAP Package
(PD=3.9 W,
TA = 25°C)
D LOD Function . . . LED Open Detection
(Error Signal Output at LED Disconnection)
D TSD Function . . . Thermal Shutdown (Turn
Output Off When Junction Temperature
Exceeds Limit)
description
The TLC5921 is a current-sink constant current driver incorporating shift register and data latch. The current
value at constant current output can be set by one external register. The device also incorporates thermal
shutdown (TSD) circuitry which turns constant current output off when the junction temperature exceeds the
limit, and LED open detection (LOD) circuitry to report the LED was disconnected.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
GND
BLANK
XLAT
SCLK
SIN
PGND
OUT0
OUT1
PGND
OUT2
OUT3
OUT4
OUT5
PGND
OUT6
OUT7
VCC
IREF
SOMODE
XDOWN
SOUT
PGND
OUT15
OUT14
PGND
OUT13
OUT12
OUT11
OUT10
PGND
OUT9
OUT8
(TOP VIEW)
DAP PACKAGE


Similar Part No. - TLC5921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5921 TI-TLC5921 Datasheet
217Kb / 15P
LED DRIVER
TLC5921 TI-TLC5921 Datasheet
217Kb / 15P
LED DRIVER
TLC5921 TI1-TLC5921 Datasheet
402Kb / 18P
LED DRIVER
TLC59210 TI-TLC59210 Datasheet
347Kb / 13P
8-BIT DMOS SINK DRIVER WITH LATCH
TLC59210 TI1-TLC59210 Datasheet
908Kb / 22P
8-BIT DMOS Sink Driver With Latch
More results

Similar Description - TLC5921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com