Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R-X-ES Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-X-ES
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-X-ES Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R-X-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R-X-ES Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 11
MQME-270-P
Current: 2A
Technical Specification
MADE IN USA
1
2
3
4
5
6
12
11
10
9
8
7
1.260
[32.00]
1.50 [38.10]
0.128 [3.25]
0.093
[2.36]
0.220 [5.59]
0.42
[10.7]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.390 [9.91]
2.50 [63.50]
2.76 [70.10]
3.00 [76.20]
+VIN
+VIN
+VIN
IN RTN
+VOUT
+VOUT
+VOUT
OUT RTN
OUT RTN
OUT RTN
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
2.80 [71.1]
1
2
3
4
5
6
12
11
10
9
8
7
1.750
[44.45]
1.50
[38.10]
0.228 [5.79]
0.300 [7.62]
0.140 [3.56]
0.220 [5.59]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.250 [6.35]
TYP
0.375 [9.52]
2.50 [63.50]
2.96 [75.2]
0.390 [9.91]
2.00
[50.80]
1.15 [29.21]
1.750 [44.45]
+VIN
+VIN
+VIN
IN RTN
+VOUT
+VOUT
+VOUT
OUT RTN
OUT RTN
OUT RTN
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
MADE IN USA
MADE IN USA
1
2
3
4
5
6
12
11
10
9
8
7
1.260
[32.00]
1.50 [38.10]
0.128 [3.25]
0.228 [5.79]
0.093
[2.36]
0.220 [5.59]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.390 [9.91]
2.50 [63.50]
2.76 [70.10]
3.00 [76.20]
2.96 [75.2]
+VIN
+VIN
+VIN
IN RTN
+VOUT
+VOUT
+VOUT
OUT RTN
OUT RTN
OUT RTN
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
0.390
[9.91]
0.050 [1.27]
0.36 [9.2]
0.250 [6.35]
0.220 [5.59]
2.80 [71.1]
0.525 [13.33]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.390
[9.91]
0.050 [1.27]
0.250 [6.35]
0.220 [5.59]
0.420 [10.7]
2.80 [71.1]
0.525 [13.33]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
Case X
Case Y
Case U
Case Z
(variant of Y)
Case W
(variant of Y)
NOTES
1)
Pins 0.040” (1.02mm) diameter
2)
Pins Material: Copper
Finish: Gold over Nickel plate
3)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
4)
Weight: 2.8 oz (78.5 g) typical
5)
Workmanship: Meets or exceeds IPC-A-610C Class III
6)
Print Labeling on Top Surface per Product Label Format Drawing
NOTES
1)
Pins 0.040” (1.02mm) diameter
2)
Pins Material: Copper
Finish: Gold over Nickel plate
3)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
4)
Weight: 2.8 oz (78.5 g) typical
5)
Workmanship: Meets or exceeds IPC-A-610C Class III
6)
Print Labeling on Top Surface per Product Label Format Drawing
PIN DESIGNATIONS
Pin Function
Pin Function
1 Positive input
7 Output return
2 Positive input
8 Output return
3 Positive input
9 Output return
4 Input return
10 Positive output
5 Input return
11 Positive output
6 Input return
12 Positive output
PIN DESIGNATIONS
Pin Function
Pin Function
1 Positive input
7 Output return
2 Positive input
8 Output return
3 Positive input
9 Output return
4 Input return
10 Positive output
5 Input return
11 Positive output
6 Input return
12 Positive output
MQME-270-P-Y-HB
EMI Filter
270V 2A 320W
MQME-270-P-U-HB
EMI Filter
270V 2A 320W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com