Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R-Z-ES Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-Z-ES
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-Z-ES Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R-Z-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R-Z-ES Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 13
MQME-270-P
Current: 2A
Technical Specification
MilQor FAMILY MATRIX
The table below shows the array of MilQor filters available. When ordering SynQor filters, please ensure that you use the com-
pletepartnumberaccordingtothefollowingPartNumberingSystemtable.Contactthefactoryforotherrequirements.
PART NUMBERING SYSTEM
The part numbering system for SynQor’s MilQor EMI filters follows the format shown in the table below.
APPLICATION NOTES
A variety of application notes and technical white papers can be downloaded in pdf format from the SynQor website.
Product
Family
Designator
Continuous
Input
Voltage
Power
(Amperage)
Rating
Version
(see table
below)
Features Available
(In Addition to Passive Filter Components)
Enable
Pass-Through
Circuitry
Transient
Suppression
Circuitry
Soft-Start
Circuitry
Reverse
Polarity
Protection
Circuitry
Power Interrupt
Hold-Up
Capacitor
Pre-Charger
MQME-28
40V
320W (20A)
P
T
●
●
●
●
MQME-28E
70V
320W (20A)
HT
●
●
●
●
●
MQME-270
400V
320W (2A)
P
R
●
MQME-270E
530V
320W (2A)
HR
●
●
Model Name
Input Voltage Range
Version
Package Outline/Pin
Configuration
Screening
Grade
MQME
28
28E
P
T
HT
U
X
Y
W
Z
B
C
ES
HB
270
270E
P
R
HR
Example:
MQME-270-P-Y-HB
Warranty
SynQor offers a two (2)yearlimitedwarranty.Completewarrantyinfor-
mationislistedonourwebsiteorisavailableuponrequestfromSynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However,noresponsibilityisassumedbySynQorforitsuse,norforany
infringements of patents or other rights of third parties which may result
fromitsuse.Nolicenseisgrantedbyimplicationorotherwiseunderany
patent or patent rights of SynQor.
Contact SynQor for further information:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719
USA
PATENTS
SynQor holds the following patents, one or more of which might apply to this product:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com