Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R-Z-HB Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-Z-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-Z-HB Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQME-270-R-Z-HB Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-Z-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 3
MQME-270-P
Current: 2A
Technical Specification
MQME-270-P Electrical Characteristics
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Vin=270V DC ±5%, Iout= 2A unless otherwise specified
Subgroup3
ABSOLUTE MAXIMUM RATINGS
Input Voltage
See Note 1
Continuous
-800
800
V
Transient (≤1 s)
-1000
1000
V
Isolation Voltage (I/O to case, I to O)
Continuous
-500
500
V
Transient (≤1 s)
-1000
1000
V
Output Current
3
A
Operating Case Temperature
-55
125
°C
Storage Case Temperature
-65
135
°C
Lead Temperature (20 s)
300
°C
ELECTRICAL CHARACTERISTICS
Input Voltage
Continuous
-400
400
V
See Note 1 for negative limits
1, 2, 3
Transient (≤1 s, RS* = 0 Ω)
-500
500
V
"
Transient (≤100 ms, RS* = 0 Ω)
-1000
1000
V
See Note 1
Output Voltage (continuous)
Vout = Vin - (Iin x Rdc)
V
1, 2, 3
Output Current (continuous)
2
A
1, 2, 3
DC Resistance RDC
TCASE = 25°C
1.2
Ω
1
TCASE = 125°C
1.6
Ω
3
Power Dissipation (2A output current)
TCASE = 25°C
4.8
W
TCASE = 125°C
6.4
W
1, 2, 3
Total Differential-Mode Capacitance
1
µF
Measured across input or output pins
Total Common-Mode Capacitance
0.44
µF
Measured between any pin to case
Bulk Capacitor
0.8
µF
Damping Capacitor
20
Ω
Noise Attenuation
See Figure 1
INPUT VOLTAGE SPIKE SUPPRESSION
Output Voltage Deviation due to a Spike 2
Input Voltage Spike (Centered on Vin)
±200V, 10µs, Rs ≤ 0.5Ω | Q | ≤ 250µC
-50
150
ΔV
MIL-STD-461C (CS06)
±600V, 10µs, Rs = 50Ω
-50
150
ΔV
MIL-STD-461C (CS06)
ISOLATION CHARACTERISTICS
Isolation Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
MΩ
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com