Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC7701
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7701 Datasheet(HTML) 1 Page - Texas Instruments

  TLC7701 Datasheet HTML 1Page - Texas Instruments TLC7701 Datasheet HTML 2Page - Texas Instruments TLC7701 Datasheet HTML 3Page - Texas Instruments TLC7701 Datasheet HTML 4Page - Texas Instruments TLC7701 Datasheet HTML 5Page - Texas Instruments TLC7701 Datasheet HTML 6Page - Texas Instruments TLC7701 Datasheet HTML 7Page - Texas Instruments TLC7701 Datasheet HTML 8Page - Texas Instruments TLC7701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After
Voltage Drop
D Precision Voltage Sensor
D Temperature-Compensated Voltage
Reference
D Programmable Delay Time by External
Capacitor
D Supply Voltage Range ...2 V to 6 V
D Defined RESET Output from VDD ≥1 V
D Power-Down Control Support for Static
RAM With Battery Backup
D Maximum Supply Current of 16 µA
D Power Saving Totem-Pole Outputs
D Temperature Range ...–40°C to 125°C
description
The TLC77xx family of micropower supply voltage
supervisors provide reset control, primarily in
microcomputer and microprocessor systems.
During power-on, RESET is asserted when VDD
reaches 1 V. After minimum VDD (≥ 2 V) is
established, the circuit monitors SENSE voltage
and keeps the reset outputs active as long as
SENSE voltage (VI(SENSE)) remains below the
threshold voltage. An internal timer delays return
of the output to the inactive state to ensure proper
system reset. The delay time, td, is determined by
an external capacitor:
td = 2.1 × 104 × CT
Where
CT is in farads
td is in seconds
Except for the TLC7701, which can be customized with two external resistors, each supervisor has a fixed
SENSE threshold voltage set by an internal voltage divider. When SENSE voltage drops below the threshold
voltage, the outputs become active and stay in that state until SENSE voltage returns above threshold voltage
and the delay time, td, has expired.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
CONTROL
RESIN
CT
GND
VDD
SENSE
RESET
RESET
D, JG, P OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
SENSE
NC
RESET
NC
NC
RESIN
NC
CT
NC
FK PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
CONTROL
RESIN
CT
GND
NC
VDD
SENSE
RESET
RESET
U PACKAGE
(TOP VIEW)


Similar Part No. - TLC7701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701 TI1-TLC7701 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701 Datasheet
1Mb / 38P
Micropower Supply Voltage Supervisors
More results

Similar Description - TLC7701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com