Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40SPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BAS40SPT
Description  SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS40SPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAS40SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS40SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAS40SPT )
10u
100u
1m
10m
100m
1
0
0.2
0.4
0.6
0.8
1.0
1.2
10n
100n
1u
10u
100u
1m
10m
1
2
5
10
20
50
100
f=1MHz
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
75
oC
50
oC
25
oC
0
10
20
30
REVERSE VOLTAGE, (V)
0
2
4
6
8
10
12
14
Ta =25oC
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE
100
oC
Ta=125
oC
Ta
=1
25
o
C
75
o C
25
o
C
-2
5
o
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com