Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227Y Datasheet(PDF) 28 Page - Texas Instruments

Part # TLE2227Y
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227Y Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLE2227Y Datasheet HTML 23Page - Texas Instruments TLE2227Y Datasheet HTML 24Page - Texas Instruments TLE2227Y Datasheet HTML 25Page - Texas Instruments TLE2227Y Datasheet HTML 26Page - Texas Instruments TLE2227Y Datasheet HTML 27Page - Texas Instruments TLE2227Y Datasheet HTML 28Page - Texas Instruments TLE2227Y Datasheet HTML 29Page - Texas Instruments TLE2227Y Datasheet HTML 30Page - Texas Instruments TLE2227Y Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2037 macromodel information
Macromodel information provided is derived using
PSpice
™ Parts™ model generation software. The Boyle
macromodel (see Note 6) and subcircuit in Figure 51 and Figure 52 are generated using the TLE2237C typical
electrical and operating characteristics at 25
°C. Using this information, output simulations of the following key
parameters can be generated to a tolerance of 20% (in most cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain bandwidth
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 6.
G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon,“Macromodeling of Integrated Circuit Operational Amplifiers,”
IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
7
12
–
+
vln
dlp
dln
92
91
–
+
hlim
90
OUT
5
ro1
8
–
+
vlim
C2
fb
–
+
99
egnd
–
+
9
vb
dc
de
ga
gcm
6
r2
–
+
vc
53
cee
ree
10
54
+
–
ve
lee
4
re2
re1
3
14
13
Q1
Q2
rc2
c1
rc1
11
rp
dp
2
1
VCC –
IN –
IN +
VCC +
–
+
vlp
ro2
Figure 51. Boyle Macromodel
Macromodels, simulation models, or other models provided by TI,
directly or indirectly, are not warranted by TI as fully representing all
of the specification and operating characteristics of the
semiconductor product to which the model relates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com