Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2301 Datasheet HTML 11Page - Texas Instruments TLE2301 Datasheet HTML 12Page - Texas Instruments TLE2301 Datasheet HTML 13Page - Texas Instruments TLE2301 Datasheet HTML 14Page - Texas Instruments TLE2301 Datasheet HTML 15Page - Texas Instruments TLE2301 Datasheet HTML 16Page - Texas Instruments TLE2301 Datasheet HTML 17Page - Texas Instruments TLE2301 Datasheet HTML 18Page - Texas Instruments TLE2301 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
3-state facility (continued)
The TLE2301 incorporates an output 3-state facility, removing the need for additional circuitry to achieve this
function. In addition, the TLE2301 has a low standby current in the 3-state mode, making it ideal for applications
where low power consumption is also essential.
circuit configuration
The design methodology is to minimize power dissipation in the TLE2301 by maximizing the use of the available
output voltage swing of the amplifier. The amplifier’s output can swing to within 2 V of the supply rail before
saturation begins. With a chosen supply of
± 5 V, the maximum peak-to-peak voltage swing is 6 V. To ensure
that the amplifier’s output is not likely to clip under heavy loads, the maximum output voltage swing has been
reduced by 0.5 V, giving a usable peak-to-peak output voltage swing of 5.5 V.
It is assumed that the input signal to the transmitter stage has a peak-to-peak amplitude of 2.8 V (1 Vrms) as
might be expected if the transmission signal is digitally synthesized by circuitry operating solely from the 5-V
supply. The gain of the amplifier stage is appropriately set to:
Gain
+
peak-to-peak output voltage swing
peak-to-peak input voltage
+ 5.5 V
2.8 V
+ 1.96
An inverting amplifier configuration is chosen for this example, as the input signal source is assumed to have
a relatively low impedance in relation to the gain-setting resistors.
CF2
39 pF
CF1
15 pF
RF
4.7 k
Ω
RS
3.3
Ω
RI
2.4 k
Ω
CI
100 nF
CD4
100 nF
CD3
100 nF
CD2
220
µF
CD1
220
µF
D2
1N4001
D1
1N4001
L1
P2820
CC
470 nF
VI
TRS1
(3-state control)
0 V
5 V
–5 V
11
14
9
16
1
3
6
7
2
5
4
+
–
IC1
Mains
Supply
+
+
Figure 24. Full-Circuit Diagram for Utility Band
A noninverting amplifier configuration could be used when the input signal needs to be terminated with high
impedance, but the user should take care that the amplitude of the input signal does not exceed the
common-mode input range (– 4 V < VICM < 1.8 V at VCC = ± 5 V) for low-gain implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com