Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2237Y Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2237Y
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2237Y Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2237Y Datasheet HTML 15Page - Texas Instruments TLE2237Y Datasheet HTML 16Page - Texas Instruments TLE2237Y Datasheet HTML 17Page - Texas Instruments TLE2237Y Datasheet HTML 18Page - Texas Instruments TLE2237Y Datasheet HTML 19Page - Texas Instruments TLE2237Y Datasheet HTML 20Page - Texas Instruments TLE2237Y Datasheet HTML 21Page - Texas Instruments TLE2237Y Datasheet HTML 22Page - Texas Instruments TLE2237Y Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
300
°
100
°
275
°
250
°
225
°
200
°
175
°
150
°
125
°
40
10
4
25
20
15
10
5
0
– 5
30
100
f – Frequency – MHz
– 10
1
AVD
Phase Shift
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
Figure 21
TLE2037
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 22
50
40
70
60
50
40
30
20
10
60
TA – Free-Air Temperature – °C
30
0
LARGE-SCALE DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RL = 2 kΩ
RL = 1 kΩ
55
45
35
Figure 23
10
1
0.1
10 M
1 M
100 k
10 k
1 k
100
100
100 M
f – Frequency – Hz
0.01
10
OUTPUT IMPEDANCE
vs
FREQUENCY
AVD = 1
AVD = 100
AVD = 10
VCC
± = ±15 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com