Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227CP Datasheet(PDF) 16 Page - Texas Instruments

Part # TLE2227CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227CP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2227CP Datasheet HTML 12Page - Texas Instruments TLE2227CP Datasheet HTML 13Page - Texas Instruments TLE2227CP Datasheet HTML 14Page - Texas Instruments TLE2227CP Datasheet HTML 15Page - Texas Instruments TLE2227CP Datasheet HTML 16Page - Texas Instruments TLE2227CP Datasheet HTML 17Page - Texas Instruments TLE2227CP Datasheet HTML 18Page - Texas Instruments TLE2227CP Datasheet HTML 19Page - Texas Instruments TLE2227CP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
10 k
1 k
14
12
10
8
6
4
2
RL – Load Resistance – Ω
100
0
VCC
± = ±15 V
TA = 25°C
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 14
10 k
1 k
–14
–12
–10
–8
–6
–4
–2
RL – Load Resistance – Ω
100
0
VCC
± = ±15 V
TA = 25°C
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 15
70
60
50
40
30
20
10
0
13.32
13.28
13.24
13.2
13.16
13.12
TA – Free-Air Temperature – °C
13.08
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RL = 2 kΩ
Figure 16
TA – Free-Air Temperature – °C
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
– 13.4
– 13.45
– 13.5
– 13.55
– 13.6
– 13.65
– 13.7
– 13.75
70
60
50
40
30
20
10
0
VCC
± = ±15 V
RL = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com