Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2037ID Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037ID
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2037ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2037ID Datasheet HTML 12Page - Texas Instruments TLE2037ID Datasheet HTML 13Page - Texas Instruments TLE2037ID Datasheet HTML 14Page - Texas Instruments TLE2037ID Datasheet HTML 15Page - Texas Instruments TLE2037ID Datasheet HTML 16Page - Texas Instruments TLE2037ID Datasheet HTML 17Page - Texas Instruments TLE2037ID Datasheet HTML 18Page - Texas Instruments TLE2037ID Datasheet HTML 19Page - Texas Instruments TLE2037ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192 – FEBRUARY 1997
6–16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7
∆VIO
Input offset voltage change
vs
Time after power on
8, 9
IIO
Input offset current
vs
Free-air temperature
10
IIB
Input bias current
vs
Free-air temperature
11
IIB
Input bias current
vs
Common-mode input voltage
12
II
Input current
vs
Differential input voltage
13
VO(PP)
Maximum peak-to-peak output voltage
vs
Frequency
14, 15
VOM
Maximum (positive/negative) peak output
vs
Load resistance
16, 17
VOM
(g
)
voltage
vs
Free-air temperature
,
18, 19
vs
Supply voltage
20
AVD
Large signal differential voltage amplification
vs
vs
Su
ly voltage
Load resistance
20
21
AVD
Large-signal differential voltage amplification
vs
Frequency
22 – 25
vs
Free-air temperature
26
zo
Output impedance
vs
Frequency
27
CMRR
Common-mode rejection ratio
vs
Frequency
28
kSVR
Supply-voltage rejection ratio
vs
Frequency
29
vs
Supply voltage
30, 31
IOS
Short-circut output current
vs
yg
Elapsed time
,
32, 33
OS
vs
Free-air temperature
34, 35
ICC
Supply current
vs
Supply voltage
36
ICC
Supply current
vs
yg
Free-air temperature
37
Voltage follower pulse response
Small signal
38, 40
Voltage-follower pulse response
g
Large signal
,
39, 41
Vn
Equivalent input noise voltage
vs
Frequency
42
Noise voltage (referred to input)
Over 10-second interval
43
B1
Unity gain bandwidth
vs
Supply voltage
44
B1
Unity-gain bandwidth
vs
yg
Load capacitance
45
Gain bandwidth product
vs
Supply voltage
46
Gain bandwidth product
vs
yg
Load capacitance
47
SR
Slew rate
vs
Free-air temperature
48, 49
vs
Supply voltage
50, 51
φm
Phase margin
vs
yg
Load capacitance
,
52, 53
φm
g
vs
Free-air temperature
54, 55
Phase shift
vs
Frequency
22 – 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com