Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1508 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1508
Description  2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1508 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1508 Datasheet HTML 1Page - Texas Instruments TLV1508 Datasheet HTML 2Page - Texas Instruments TLV1508 Datasheet HTML 3Page - Texas Instruments TLV1508 Datasheet HTML 4Page - Texas Instruments TLV1508 Datasheet HTML 5Page - Texas Instruments TLV1508 Datasheet HTML 6Page - Texas Instruments TLV1508 Datasheet HTML 7Page - Texas Instruments TLV1508 Datasheet HTML 8Page - Texas Instruments TLV1508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLV1504, TLV1508
2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS251 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Maximum Throughput 200 KSPS
D Built-In Reference, Conversion Clock and
8
× FIFO
D Differential/Integral Nonlinearity Error:
±0.5 LSB Max
D Signal-to-Noise and Distortion Ratio:
59 dB, fi = 12 kHz
D Spurious Free Dynamic Range: 72 dB,
fi = 12 kHz
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 20 MHz
D Single Wide Range Supply 2.7 Vdc to
5.5 Vdc
D Analog Input Range 0 V to Supply Voltage
with 500 kHz BW
D Hardware Controlled and Programmable
Sampling Period
D Low Operating Current (1 mA at 2.7 V,
1.2 mA at 5.5 V External Ref,
1.6 mA at 2.7 V,
2.1 mA at 5.5 V, Internal Ref)
D Power Down: Software/Hardware
Power-Down Mode (1
µA Max, Ext Ref),
Auto Power-Down Mode (1
µA, Ext Ref)
D Programmable Auto-Channel Sweep
D Pin Compatible, 12-Bit Upgrades Available
(TLV2544, TLV2548)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
A3
A4
CS
REFP
REFM
FS
PWDN
GND
CSTART
A7
A6
A5
DW OR PW PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
CS
REFP
REFM
FS
PWDN
GND
CSTART
A3
D OR PW PACKAGE
(TOP VIEW)
(TOP VIEW)
description
The TLV1508 and TLV1504 are a family of high performance, 10-bit, low power, CMOS SAR analog-to-digital
converters (ADC) which operate from a single 2.7 V to 5.5 V power supply. These devices have three digital
inputs and a 3-state output [chip select (CS), serial input-output clock (SCLK), serial data input (SDI) and serial
data output (SDO)] that provide a direct 4-wire interface to the serial port of most popular host microprocessors
(SPI interface). When interfaced with a DSP, a frame sync (FS) signal is used to indicate the start of a serial data
frame.
In addition to a high-speed A/D converter and versatile control capability, these devices have an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular
among high-performance signal processors. The TLV1508 and TLV1504 are designed to operate with very low
power consumption. The power-saving feature is further enhanced with software/hardware/auto power down
modes and programmable conversion speeds. The conversion clock (OSC) and reference are built-in. The
converter can use the external SCLK as the source of the conversion clock to achieve higher (2.6
µs when a
20 MHz SCLK is used) conversion speed. Two different internal reference voltages are available (2 V or 4 V).
An optional external reference can also be used to achieve maximum flexibility.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV1508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1508IDW TI1-TLV1508IDW Datasheet
1Mb / 48P
 Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV1508IDWG4 TI1-TLV1508IDWG4 Datasheet
1Mb / 48P
 Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV1508IPW TI1-TLV1508IPW Datasheet
1Mb / 48P
 Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV1508IPWG4 TI1-TLV1508IPWG4 Datasheet
1Mb / 48P
 Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV1508IPWR TI1-TLV1508IPWR Datasheet
1Mb / 48P
 Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
More results

Similar Description - TLV1508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com