Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772Q Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB772Q
Description  PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB772Q Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SB772Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB772Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
2SB772Q
PNP Silicon
Medium Power Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Fig.1 Static characteristics
-Collector-Emitter voltage(V)
04
8
1216
20
0
0.4
0.8
1.2
1.6
Tc,Case Temperature(°C)
-IB=1mA
-IB=2mA
-IB=3mA
-IB=4mA
-IB=5mA
-IB=6mA
-IB=7mA
-IB=8MA
-IB=9mA
Fig.2 Derating curve of safe
operating areas
200
150
100
50
0
-50
0
50
100
150
S/b
lim
ite
d
Tc,Case Temperature(°C)
200
150
100
50
0
-50
Fig.3 Power Derating
0
4
8
12
Fig.4 Collector Output
capacitance
-Collector-Base Voltage(v)
10
0
10
-1
10
-2
10
-3
10
1
10
2
10
3
10
0
IE=0
f=1MHz
Fig.5 Current gain-
bandwidth product
10
1
10
2
10
3
10
0
VCE=5V
Collector-Emitter Voltage
Fig.6 Safe operating area
Ic(max),DC
Ic(max),Pulse
10m
S
1m
S
Ic,Collector current(A)
Fig.7 DC current gain
-Ic,Collector current(mA)
-Ic,Collector current(mA)
Fig.8 Saturation Voltage
10
1
10
2
10
3
10
0
VCE=-2V
VCE(sat)
VBE(sat)
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
10
4
10
0
10
1
10
2
10
3
10
4
10
0
10
1
10
2
10
3
10
4
IB=8mA
IB=8mA
RATING AND CHARACTERISTIC CURVES
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com