Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1562 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1562
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1562 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV1562 Datasheet HTML 17Page - Texas Instruments TLV1562 Datasheet HTML 18Page - Texas Instruments TLV1562 Datasheet HTML 19Page - Texas Instruments TLV1562 Datasheet HTML 20Page - Texas Instruments TLV1562 Datasheet HTML 21Page - Texas Instruments TLV1562 Datasheet HTML 22Page - Texas Instruments TLV1562 Datasheet HTML 23Page - Texas Instruments TLV1562 Datasheet HTML 24Page - Texas Instruments TLV1562 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Full-Scale Error
(Before Calibrayion)
Ideal Transfer Function
Transfer Function Before
Mid-Scale Calibration
Mid-Scale Error
(Before Calibration)
Mid-Scale Error
(After Calibration)
Analog Input
REFP
V-Mid (REFCM)
Zero-Scale Error
(Before Calibration)
Zero-Scale Error
(After Calibration)
Full-Scale Error
(After Calibration)
Transfer Function After
Mid-Scale Calibration
REFM
Zero Scale
Mid Scale
Full Scale
Code Output
Figure 16. Mid-Scale Error Calibration
resume normal conversion from mid-scale error calibration modes
A follow on write operation sets CR0.(7,6) to 00 which resumes the normal conversion mode. Typically
mid-scale error calibration needs to be performed only once after power up. If however the operation mode is
changed from single ended to differential, then preferably mid-scale error calibration should be performed
again.
The user writes a bit to enable mid-scale error calibration. Inputs to the ADC are internally shorted therefore
the offset value can be converted to a digital word. The result (a digital word representing the offset) is stored
in a latch. This offset value is then subtracted from the digital output of all conversions except when in mid-scale
error calibration mode.
system design consideration regarding to mid-scale error calibration
Mid-scale error calibration may limit the dynamic range of the ADC. If the offset is negative and has a magnitude
x, then the range of the converter codes is x to 1023. If the offset is positive and has a magnitude of x, then the
range of converter codes is 1 to 1023 –x. Thus the ADCs dynamic range is reduced by x (say x = 20 codes) on
either side of the range effectively with mid-scale error calibration. However this should not be a limitation for
most users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com