Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1570 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1570
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1570 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1570 Datasheet HTML 1Page - Texas Instruments TLV1570 Datasheet HTML 2Page - Texas Instruments TLV1570 Datasheet HTML 3Page - Texas Instruments TLV1570 Datasheet HTML 4Page - Texas Instruments TLV1570 Datasheet HTML 5Page - Texas Instruments TLV1570 Datasheet HTML 6Page - Texas Instruments TLV1570 Datasheet HTML 7Page - Texas Instruments TLV1570 Datasheet HTML 8Page - Texas Instruments TLV1570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169A – DECEMBER 1997– REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fast Throughput Rate: 1.25 MSPS at 5 V,
625 KSPS at 3 V
D Wide Analog Channel Input: 0 V to AVDD
D Eight Analog Input Channels
D Channel Auto-Scan
D Differential Nonlinearity Error: < ±1 LSB
D Integral Nonlinearity Error: < ±1 LSB
D Signal-to-Noise and Distortion Ratio: 57 dB
D Single 2.7-V to 5.5-V Supply Operation
D Very Low Power: 40 mW at 5.5 V,
8 mW at 2.7 V
D Auto-Power Down: 300 µA Max
D Software Power Down: 10 µA Max
D Glueless Serial Interface to TMS320 DSPs
and (Q)SPI Compatible Microcontrollers
D Programmable Internal Reference Voltage:
3.8-V Reference for 5-V Operation,
2.3-V Reference for 3-V Operation
applications
D Mass Storage and Hard Disk Drive
D Automotive
D Digital Servos
D Process Control
D General Purpose DSP
D Image Sensor Processing
description
The TLV1570 is a 10-bit data acquisition system that combines an 8-channel input multiplexer (MUX), a
high-speed 10-bit ADC, an on-chip reference, and a high-speed serial interface. The device contains an on-chip
control register allowing control of channel selection, conversion start, reference voltage levels, and power
down via the serial port. The MUX is independently accessible, which allows the user to insert a signal
conditioning circuit such as an anti-aliasing filter or an amplifier, if required, between the MUX and the ADC.
Therefore one signal conditioning circuit can be used for all eight channels.
The TLV1570 operates from a single 2.7-V to 5.5-V power supply. The device accepts an analog input range
from 0 V to AVDD and digitizes the input at a maximum 1.25 MSPS throughput rate. Power dissipation is only
8 mW with a 2.7-V supply or 40 mW with a 5.5-V supply. The device features an auto-power down mode that
automatically powers down to 300
µA, 10 ns after a conversion is performed. With software power down
enabled, the device is further powered down to only 10
µA.
The TLV1570 communicates with digital microprocessors via a simple 4- or 5-wire serial port that interfaces
directly to Texas Instruments TMS320 DSPs, and SPI
™ and QSPI™ compatible microcontrollers without using
additional glue logic.
A very high throughput rate, a simple serial interface, and low power consumption make the TLV1570 an ideal
choice for high-speed digital signal processing requiring multiple analog inputs.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(DW)
SMALL OUTLINE
(PW)
0
°C to 70°C
TLV1570CDW
TLV1570CPW
–40
°C to 85°C
TLV1570IDW
TLV1570IPW
SPI and QSPI are trademarks of Motorola, Inc.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH4
CH3
CH2
CH1
CH0
DVDD
DGND
FS
SCLK
SDIN
AIN
MO
CH5
CH6
CH7
AVDD
AGND
REF
CS
SDOUT
DW OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV1570

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1570 TI1-TLV1570 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI2-TLV1570 Datasheet
586Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2000
TLV1570CDW TI1-TLV1570CDW Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570CDW TI2-TLV1570CDW Datasheet
586Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2000
TLV1570CDW.A TI2-TLV1570CDW.A Datasheet
586Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2000
More results

Similar Description - TLV1570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com