Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1572 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1572
Description  2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1572 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1572 Datasheet HTML 1Page - Texas Instruments TLV1572 Datasheet HTML 2Page - Texas Instruments TLV1572 Datasheet HTML 3Page - Texas Instruments TLV1572 Datasheet HTML 4Page - Texas Instruments TLV1572 Datasheet HTML 5Page - Texas Instruments TLV1572 Datasheet HTML 6Page - Texas Instruments TLV1572 Datasheet HTML 7Page - Texas Instruments TLV1572 Datasheet HTML 8Page - Texas Instruments TLV1572 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fast Throughput Rate: 1.25 MSPS
D 8-Pin SOIC Package
D Differential Nonlinearity Error: < ±1 LSB
D Integral Nonlinearity Error: < ±1 LSB
D Signal-to-Noise and Distortion Ratio: 59 dB,
f(input) = 500 kHz
D Single 3-V to 5-V Supply Operation
D Very Low Power: 8 mW at 3V; 25mW at 5 V
D Auto-Powerdown: 10 µA Maximum
D Glueless Serial Interface to TMS320 DSPs
and (Q)SPI Compatible Micro-Controllers
D Inherent Internal Sample and Hold
Operation
Applications
D Mass Storage and HDD
D Automotive
D Digital Servos
D Process Control
D General Purpose DSP
D Contact Image Sensor Processing
description
The TLV1572 is a high-speed 10-bit successive-approximation analog-to-digital converter (ADC) that operates
from a single 2.7-V to 5.5-V power supply and is housed in a small 8-pin SOIC package.
The TLV1572 accepts an analog input range from 0 to VCC and digitizes the input at a maximum 1.25 MSPS
throughput rate. The power dissipation is only 8 mW with a 3-V supply or 25 mW with a 5-V supply. The device
features an auto-powerdown mode that automatically powers down to 10
µA whenever a conversion is not
performed.
The TLV1572 communicates with digital microprocessors via a simple 3- or 4-wire serial port that interfaces
directly to the Texas Instruments TMS320 DSPs and (Q)SPI compatible microcontrollers without using
additional glue logic.
Very high throughput rate, simple serial interface, SO-8 package, 3-V operation, and low power consumption
make the TLV1572 an ideal choice for compact or remote high-speed systems.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
0
°C to 70°C
TLV1572CD
–40
°C to 85°C
TLV1572ID
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
CS
VREF
GND
AIN
DO
FS
VCC
SCLK
D PACKAGE
(TOP VIEW)


Similar Part No. - TLV1572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI1-TLV1572 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572 TI2-TLV1572 Datasheet
298Kb / 17P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
REVISED SEPTEMBER 1998
TLV1572CD TI1-TLV1572CD Datasheet
504Kb / 15P
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI1-TLV1572CD Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI2-TLV1572CD Datasheet
298Kb / 17P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
REVISED SEPTEMBER 1998
More results

Similar Description - TLV1572

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572IDR TI1-TLV1572IDR Datasheet
504Kb / 15P
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com