Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2231 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2231
Description  Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2231 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2231 Datasheet HTML 1Page - Texas Instruments TLV2231 Datasheet HTML 2Page - Texas Instruments TLV2231 Datasheet HTML 3Page - Texas Instruments TLV2231 Datasheet HTML 4Page - Texas Instruments TLV2231 Datasheet HTML 5Page - Texas Instruments TLV2231 Datasheet HTML 6Page - Texas Instruments TLV2231 Datasheet HTML 7Page - Texas Instruments TLV2231 Datasheet HTML 8Page - Texas Instruments TLV2231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLV2231, TLV2231Y
Advanced LinCMOS
™ RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS158C – JUNE 1996 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise...15 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current...1 pA Typ
D Fully Specified for Single-Supply 3-V and
5-V Operation
D Common-Mode Input Voltage Range
Includes Negative Rail
D High Gain Bandwidth...2 MHz at
VDD = 5 V with 600 Ω Load
D High Slew Rate... 1.6 V/µs at VDD = 5 V
D Wide Supply Voltage Range
2.7 V to 10 V
D Macromodel Included
description
The TLV2231 is a single low-voltage operational amplifier available in the SOT-23 package. It offers 2 MHz of
bandwidth and 1.6 V/
µs of slew rate for applications requiring good ac performance. The device exhibits
rail-to-rail output performance for increased dynamic range in single or split supply applications. The TLV2231
is fully characterized at 3 V and 5 V and is optimized for low-voltage applications.
The TLV2231, exhibiting high input impedance and low noise, is excellent for small-signal conditioning of
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output feature with single- or split-supplies makes this family a great
choice when interfacing with analog-to-digital converters (ADCs). The device can also drive 600-
Ω loads for
telecom applications.
With a total area of 5.6mm2, the SOT-23 package only requires one-third the board space of the standard 8-pin
SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal
source, minimizing noise pick-up from long PCB traces. TI has also taken special care to provide a pinout that
is optimized for board layout (see Figure 1). Both inputs are separated by GND to prevent coupling or leakage
paths. The OUT and IN – terminals are on the same end of the board for providing negative feedback. Finally,
gain setting resistors and decoupling capacitor are easily placed around the package.
VI
VDD+
OUT
IN –
VDD/GND
IN +
C
RI
RF
GND
V+
VO
1
2
3
4
5
Figure 1. Typical Surface Mount Layout for a Fixed-Gain Noninverting Amplifier
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN –
VDD– /GND
IN +
VDD+
OUT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2231 TI2-TLV2231 Datasheet
684Kb / 30P
Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED APRIL 2001
TLV2231CDBV TI2-TLV2231CDBV Datasheet
684Kb / 30P
Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED APRIL 2001
TLV2231CDBVR TI1-TLV2231CDBVR Datasheet
767Kb / 30P
Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231CDBVRG4 TI1-TLV2231CDBVRG4 Datasheet
767Kb / 30P
Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231CDBVT TI1-TLV2231CDBVT Datasheet
767Kb / 30P
Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI-TLC225X Datasheet
926Kb / 57P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221 TI-TLV2221 Datasheet
593Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2721 TI-TLV2721 Datasheet
579Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com