Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2342 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2342
Description  LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2342 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2342 Datasheet HTML 1Page - Texas Instruments TLV2342 Datasheet HTML 2Page - Texas Instruments TLV2342 Datasheet HTML 3Page - Texas Instruments TLV2342 Datasheet HTML 4Page - Texas Instruments TLV2342 Datasheet HTML 5Page - Texas Instruments TLV2342 Datasheet HTML 6Page - Texas Instruments TLV2342 Datasheet HTML 7Page - Texas Instruments TLV2342 Datasheet HTML 8Page - Texas Instruments TLV2342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLV2342, TLV2342Y, TLV2344, TLV2344Y
LinCMOS
™ LOW-VOLTAGE HIGH-SPEED
OPERATIONAL AMPLIFIERS
SLOS194 – FEBRUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Range of Supply Voltages Over
Specified Temperature Range:
–40
°C to 85°C...2 V to 8 V
D Fully Characterized at 3 V and 5 V
D Single-Supply Operation
D Common-Mode Input-Voltage Range
Extends Below the Negative Rail and Up to
VDD –1 V at 25°C
D Output Voltage Range Includes Negative
Rail
D High Input Impedance...1012 Ω Typical
D ESD-Protection Circuitry
D Designed-In Latch-Up Immunity
description
The TLV234x operational amplifiers are in a family
of devices that has been specifically designed for
use in low-voltage single-supply applications.
Unlike other products in this family designed
primarily to meet aggressive power consumption
specifications, the TLV234x was developed to
offer ac performance approaching that of a BiFET
operational amplifier while operating from a
single-supply rail. At 3 V, the TLV234x has a
typical slew rate of 2.1 V/
µs and 790-kHz
unity-gain bandwidth.
Each amplifier is fully functional down to a
minimum supply voltage of 2 V and is fully
characterized, tested, and specified at both 3-V
and 5-V power supplies over a temperature range
of – 40
°C to 85°C. The common-mode input
voltage range includes the negative rail and
extends to within 1 V of the positive rail.
AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
CHIP FORM§
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
PLASTIC DIP
(N)
PLASTIC DIP
(P)
TSSOP‡
(PW)
CHIP FORM§
(Y)
–40
°Cto85°C
9 mV
TLV2342ID
—
TLV2342IP
TLV2342IPWLE
TLV2342Y
– 40
°C to 85°C
10 mV
TLV2344ID
TLV2344IN
—
TLV2344IPWLE
TLV2344Y
† The D package is available taped and reeled. Add R suffix to the device type (e.g., TLV2342IDR).
‡ The PW package is only available left-end taped and reeled (e.g., TLV2342IPWLE).
§ Chip forms are tested at 25
°C only.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD
2OUT
2IN –
2IN +
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD+
2IN +
2N –
2OUT
4OUT
4IN –
4IN +
VDD–/GND
3IN +
3IN –
3OUT
1
14
8
7
4OUT
4IN –
4IN +
VDD –/GND
3IN +
3IN –
3OUT
1OUT
1IN –
1IN +
VDD+
2IN +
2IN –
2OUT
TLV2342
D OR P PACKAGE
(TOP VIEW)
TLV2342
PW PACKAGE
(TOP VIEW)
TLV2344
D OR N PACKAGE
(TOP VIEW)
TLV2344
PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2342 TI1-TLV2342 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342ID TI1-TLV2342ID Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342IDR TI1-TLV2342IDR Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342IDRG4 TI1-TLV2342IDRG4 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342IP TI1-TLV2342IP Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com