Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2354 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2354
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2354 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2354 Datasheet HTML 1Page - Texas Instruments TLV2354 Datasheet HTML 2Page - Texas Instruments TLV2354 Datasheet HTML 3Page - Texas Instruments TLV2354 Datasheet HTML 4Page - Texas Instruments TLV2354 Datasheet HTML 5Page - Texas Instruments TLV2354 Datasheet HTML 6Page - Texas Instruments TLV2354 Datasheet HTML 7Page - Texas Instruments TLV2354 Datasheet HTML 8Page - Texas Instruments TLV2354 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012B – MAY 1992 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Range of Supply Voltages
2 V to 8 V
D Fully Characterized at 3 V and 5 V
D Very-Low Supply-Current Drain
240
µA Typ at 3 V
D Common-Mode Input Voltage Range
Includes Ground
D High Input Impedance ...1012 Ω Typ
D Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
D Extremely Low Input Bias Current
5 pA Typ
D Output Compatible With TTL, MOS, and
CMOS
D Built-In ESD Protection
description
The TLV2354 consists of four independent,
low-power comparators specifically designed for
single power-supply applications and operateS
with power-supply rails as low as 2 V. When
powered from a 3-V supply, the typical supply
current is only 240
µA.
The TLV2354 is designed using the Texas Instruments LinCMOS
™ technology and, therefore, features an
extremely high input impedance (typically greater than 1012
Ω), which allows direct interfacing with
high-impedance sources. The outputs are N-channel open-drain configurations that require an external pullup
resistor to provide a positive output voltage swing, and they can be connected to achieve positive-logic
wired-AND relationships. The TLV2354I is fully characterized for operation from – 40
°C to 85°C. The TLV2354M
is fully characterized for operation from – 55
°C to 125°C.
The TLV2354 has internal electrostatic-discharge (ESD)-protection circuits and has been classified with a
1000-V ESD rating using Human Body Model testing. However, care should be exercised in handling this device
as exposure to ESD may result in degradation of the device parametric performance.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
at 25
°C
SMALL
OUTLINE
(D)†
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)‡
CERAMIC
FLATPACK
(W)
CHIP
FORM
(Y)
–40
°C to
85
°C
5 mV
TLV2354ID
—
—
TLV2354IN
TLV2354IPWLE
—
TLV2354Y
–55
°C to
125
°C
5 mV
—
TLV2354MFK
TLV2354MJ
—
—
TLV2354MW
TLV2354Y
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLV2352IDR).
‡ The PW packages are only available left-ended taped and reeled (e.g., TLV2354IPWLE).
These devices have limited built-in protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LINCMOS is a trademark of Texas Instruments Incorporated.
OUT
symbol (each comparator)
IN +
IN –
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354 TI1-TLV2354 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI2-TLV2354 Datasheet
350Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
REVISED AUGUST 2000
TLV2354ID TI1-TLV2354ID Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354IDR TI1-TLV2354IDR Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354IDR TI2-TLV2354IDR Datasheet
350Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
REVISED AUGUST 2000
More results

Similar Description - TLV2354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Texas Instruments
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com