Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2361 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2361
Description  HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2361 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2361 Datasheet HTML 1Page - Texas Instruments TLV2361 Datasheet HTML 2Page - Texas Instruments TLV2361 Datasheet HTML 3Page - Texas Instruments TLV2361 Datasheet HTML 4Page - Texas Instruments TLV2361 Datasheet HTML 5Page - Texas Instruments TLV2361 Datasheet HTML 6Page - Texas Instruments TLV2361 Datasheet HTML 7Page - Texas Instruments TLV2361 Datasheet HTML 8Page - Texas Instruments TLV2361 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLV2361, TLV2361Y, TLV2362, TLV2362Y
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS195B – FEBRUARY 1997 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage
Operation...VCC = ±1 V Min
D Wide Bandwidth...7 MHz Typ at
VCC± = ±2.5 V
D High Slew Rate...3 V/µs Typ at
VCC± = ±2.5 V
D Wide Output Voltage Swing... ±2.4 V Typ
at VCC± = ±2.5 V, RL = 10 kΩ
D Low Noise...8 nV/√Hz Typ at f = 1 kHz
D Package Options Include SOT-23 (DBV)
Package for the TLV2361 and Plastic
Small-Outline (D), Thin Shrink
Small-Outline (PW), and Dual-In-Line (P)
Packages for the TLV2362
description
The TLV236x devices are high-performance dual operational amplifiers built using an original Texas
Instruments bipolar process. These devices can be operated at a very low supply voltage (
±1 V), while
maintaining a wide output swing. The TLV236x devices offer a dramatically improved dynamic range of signal
conditioning in low-voltage systems. The TLV236x devices also provide higher performance than other
general-purpose operational amplifiers by combining higher unity-gain bandwidth and faster slew rate. With
their low distortion and low-noise performance, these devices are well suited for audio applications.
The C-suffix devices are characterized for operation from 0
°C to 70°C and the I-suffix devices are characterized
for operation from –40
°C to 85°C.
TLV2361 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SOT-23
(DBV)†
SYMBOL
CHIP
FORM‡
(Y)
0
°C to 70°C
TLV2361CDBV
VAAC
TLV2361Y
–40
°C to 85°C
TLV2361IDBV
VAAI
† The DBV packages are only available taped and reeled.
‡ Chip forms are specified for operation at 25
°C only.
TLV2362 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL OUTLINE§
(D)
PLASTIC DIP
(P)
TSSOP¶
(PW)
CHIP
FORM‡
(Y)
–20
°C to 85°C
TLV2362ID
TLV2362IP
TLV2362IPWR
TLV2362Y
‡ Chip forms are specified for operation at 25
°C only.
§ The D packages are available taped and reeled. Add an R to the package suffix (e.g., TLV2362IDR).
¶ The PW packages are available left-ended taped and reeled only, (e.g., TLV2362IPWR).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
5
4
1
2
3
VCC+
OUT
IN+
VCC–
IN–
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
VCC–
VCC+
2OUT
2IN–
2IN+
TLV2361 . . . DBV PACKAGE
(TOP VIEW)
TLV2362 . . . D, P, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV2361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI1-TLV2361 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBV TI-TLV2361CDBV Datasheet
489Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBV TI1-TLV2361CDBV Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBVR TI-TLV2361CDBVR Datasheet
489Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBVR TI1-TLV2361CDBVR Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com