Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2401 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401
Description  FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2401 Datasheet HTML 1Page - Texas Instruments TLV2401 Datasheet HTML 2Page - Texas Instruments TLV2401 Datasheet HTML 3Page - Texas Instruments TLV2401 Datasheet HTML 4Page - Texas Instruments TLV2401 Datasheet HTML 5Page - Texas Instruments TLV2401 Datasheet HTML 6Page - Texas Instruments TLV2401 Datasheet HTML 7Page - Texas Instruments TLV2401 Datasheet HTML 8Page - Texas Instruments TLV2401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244 – FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Micro-Power Operation ... < 1 µA/Channel
D Input Common-Mode Range Exceeds the
Rails ... –0.1 V to VCC + 5 V
D Rail-to-Rail Input/Output
D Gain Bandwidth Product ... 5.5 kHz
D Supply Voltage Range ... 2.5 V to 16 V
D Specified Temperature Range
– TA = 0°C to 70°C... Commercial Grade
– TA = –40°C to 125°C... Industrial Grade
D Ultra-Small Packaging
– 5-Pin SOT-23 (TLV2401)
– 8-Pin MSOP (TLV2402)
D Universal OpAmp EVM
description
The TLV240x family of single-supply operational
amplifiers has the lowest supply current available
today at only 900 nA per channel. Added to this is
reverse battery protection making the device even
more ideal for battery powered systems. And for
harsh environments, the inputs can be taken 5 V
above the positive supply rail without damage to
the device.
The low supply current is coupled with extremely
low input bias currents enabling them to be used
with mega-
Ω resistors making them ideal for
portable, long active life, applications. DC
accuracy is ensured with a low typical offset
voltage as low as 390
µV, CMRR of 120 dB and
minimum open loop gain of 130 V/mV at 2.7 V.
The maximum recommended supply voltage is as high as 16 V and ensured operation down to 2.5 V, with
electrical characteristics specified at 2.7 V, 5 V and 15 V. The 2.5-V operation makes it compatible with Li-Ion
battery-powered systems and many micro-power microcontrollers available today including TI’s MSP430.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in TSSOP.
FAMILY PACKAGE TABLE
DEVICE
NO OF Ch
PACKAGE TYPES
UNIVERSAL
DEVICE
NO. OF Ch
PDIP
SOIC
SOT-23
TSSOP
MSOP
EVM
TLV2401†
1
8
8
5
—
—
Refer to the EVM
TLV2402†
2
8
8
—
—
8
Refer to the EVM
Selection Guide
TLV2404
4
14
14
—
14
—
(Lit# SLOU060)
† This device is in the Product Preview stage of development. Contact your local TI slaes office for more
information
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV2404
D, N, OR PW PACKAGE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02
46
8
10
12
14
16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
AV = 1
VIN = VCC / 2
TA =25 °C
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2401 TI-TLV2401 Datasheet
1Mb / 33P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401 TI1-TLV2401 Datasheet
1Mb / 33P
TLV2401-Q1, TLV2402-Q1 16-V, Ultra-Low Power, 880-nA, RRIO Operational Amplifiers With Reverse Battery Protection
TLV2401-Q1 TI1-TLV2401-Q1 Datasheet
1Mb / 33P
TLV2401-Q1, TLV2402-Q1 16-V, Ultra-Low Power, 880-nA, RRIO Operational Amplifiers With Reverse Battery Protection
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401CD TI-TLV2401CD Datasheet
1Mb / 33P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
More results

Similar Description - TLV2401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2402-Q1 TI1-TLV2402-Q1 Datasheet
767Kb / 22P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2402CDR TI-TLV2402CDR Datasheet
1Mb / 33P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com