Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2422 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2422
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2422 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2422 Datasheet HTML 17Page - Texas Instruments TLV2422 Datasheet HTML 18Page - Texas Instruments TLV2422 Datasheet HTML 19Page - Texas Instruments TLV2422 Datasheet HTML 20Page - Texas Instruments TLV2422 Datasheet HTML 21Page - Texas Instruments TLV2422 Datasheet HTML 22Page - Texas Instruments TLV2422 Datasheet HTML 23Page - Texas Instruments TLV2422 Datasheet HTML 24Page - Texas Instruments TLV2422 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TLV2422, TLV2422A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199B – SEPTEMBER1997 – REVISED SEPTEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE MARGIN
vs
FREQUENCY
60
40
20
–40
f – Frequency – Hz
50
30
10
103
104
105
0
–20
–10
–30
106
–45
–90
180
45
0
90
135
GAIN
PHASE
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
Figure 20
Figure 21
TA – Free-Air Temperature – °C
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
–75
10
1
100
–50
10000
1000
VDD = 3 V
RL = 10 kΩ
–25
0
25
50
75
100
125
RL = 1 MΩ
Figure 22
TA – Free-Air Temperature – °C
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
–75
10
1
100
–50
10000
1000
VDD = 5 V
RL = 10 kΩ
–25
0
25
50
75
100
125
RL = 1 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com