Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2432 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2432
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2432 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2432 Datasheet HTML 17Page - Texas Instruments TLV2432 Datasheet HTML 18Page - Texas Instruments TLV2432 Datasheet HTML 19Page - Texas Instruments TLV2432 Datasheet HTML 20Page - Texas Instruments TLV2432 Datasheet HTML 21Page - Texas Instruments TLV2432 Datasheet HTML 22Page - Texas Instruments TLV2432 Datasheet HTML 23Page - Texas Instruments TLV2432 Datasheet HTML 24Page - Texas Instruments TLV2432 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168E – NOVEMBER 1996 – REVISED NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
101
80
60
40
0
120
20
100
102
103
104
105
106
VDD = 3 V
TA = 25°C
f – Frequency – Hz
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
Figure 28
101
80
60
40
0
120
20
100
102
103
104
105
106
VDD = 5 V
TA = 25°C
f – Frequency – Hz
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
Figure 29
TA – Free-Air Temperature – °C
SUPPLY VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
96
94
92
90
100
– 75
– 50
– 25
0
25
50
75
100
125
VDD = 2.7 V to 8 V
VO = VDD/2
98
Figure 30
150
100
50
0
02
4
6
200
250
300
810
VO = VDD/2
No Load
TA = 25°C
TA = – 40°C
TA = 85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com