Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2401CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401CD
Description  FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2401CD Datasheet HTML 8Page - Texas Instruments TLV2401CD Datasheet HTML 9Page - Texas Instruments TLV2401CD Datasheet HTML 10Page - Texas Instruments TLV2401CD Datasheet HTML 11Page - Texas Instruments TLV2401CD Datasheet HTML 12Page - Texas Instruments TLV2401CD Datasheet HTML 13Page - Texas Instruments TLV2401CD Datasheet HTML 14Page - Texas Instruments TLV2401CD Datasheet HTML 15Page - Texas Instruments TLV2401CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244 – FEBRUARY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
–1
01
234
56
7
Figure 31
LARGE SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
2
VO
4
3
0
–1
1
Figure 32
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
–5
0
5
10
15
20
25
30
35
LARGE SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 15 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
6
VO
12
9
0
–3
3
Figure 33
–150
–100
–50
0
50
100
150
200
–200
0
200
400
600
800
1000 1200
SMALL SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 2.7, 5,
& 15 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
0
–100
200
100
Figure 34
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
CROSSTALK
vs
FREQUENCY
f – Frequency –Hz
VCC = 2.7,
5, & 15 V
All Channels
RL = 100 kΩ
CL = 100 pF
VIN = 1 VPP
VCC = 2.7, 5 V
VCC = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com