Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2541
Description  2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2541 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2541 Datasheet HTML 1Page - Texas Instruments TLV2541 Datasheet HTML 2Page - Texas Instruments TLV2541 Datasheet HTML 3Page - Texas Instruments TLV2541 Datasheet HTML 4Page - Texas Instruments TLV2541 Datasheet HTML 5Page - Texas Instruments TLV2541 Datasheet HTML 6Page - Texas Instruments TLV2541 Datasheet HTML 7Page - Texas Instruments TLV2541 Datasheet HTML 8Page - Texas Instruments TLV2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV2541, TLV2542, TLV2545
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245 –MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Maximum Throughput . . . 200 KSPS
D Built-In Conversion Clock
D INL/DNL: ±1 LSB Max, SINAD: 72 dB,
fi = 20 kHz, SFDR: 85 dB, fi = 20 kHz
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 20 MHz
D Single Supply 2.7 Vdc to 5.5 Vdc
D Rail-to-Rail Analog Input With 500 kHz BW
D Three Options Available:
– TLV2541 – Single Channel Input
– TLV2542 – Dual Channels With
Autosweep
– TLV2545 – Single Channel With
Pseudo-Differential Input
D Optimized DSP Mode – Requires FS Only
D Low Power With Autopower Down
– Operating Current : 1 mA at 2.7 V, 1.5 mA
at 5 V
Autopower Down: 2
µA at 2.7 V, 5 µA
at 5 V
D Small 8-Pin MSOP and SOIC Packages
PACKAGE TOP VIEW
TLV2541
1
2
3
4
8
7
6
5
CS
VREF
GND
AIN
SDO
FS
VDD
SCLK
1
2
3
4
8
7
6
5
CS/FS
VREF
GND
AIN0
SDO
SCLK
VDD
AIN1
TLV2542
1
2
3
4
8
7
6
5
CS/FS
VREF
GND
AIN(+)
SDO
SCLK
VDD
AIN(–)
TLV2545
description
The TLV2541/2542/2545 are a family of high performance, 12-bit, low power, miniature 3.6
µs, CMOS
analog-to-digital converters (ADC). The TLV254x family operates from a single 2.7 V to 5.5 V. Devices are
available with single, dual, or single pseudo-differential inputs. The TLV2541 has a 3-state output chip select
(CS), serial output clock (SCLK), and serial data output (SDO) that provides a direct 3-wire interface to the serial
port of most popular host microprocessors (SPI interface). When interfaced with a DSP, a frame sync signal (FS)
is used to indicate the start of a serial data frame. The TLV2542/45 have a shared CS/FS terminal.
TLV2541/2/5 are designed to operate with very low power consumption. The power saving feature is further
enhanced with an autopower-down mode. This product family features a high-speed serial link to modern host
processors with SCLK up to 20 MHz. TLV254x family uses the built in oscillator as conversion clock, providing
a 3.6
µs conversion time.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
8-MSOP
(DGK)
8-SOIC
(D)
TLV2541CDGK
0
°C to 70°C
TLV2542CDGK
TLV2545CDGK
TLV2541IDGK
TLV2541ID
–40
°C to 85°C
TLV2542IDGK
TLV2542ID
TLV2545IDGK
TLV2545ID
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541 TI-TLV2541 Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI2-TLV2541 Datasheet
893Kb / 34P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
REVISED APRIL 2010
TLV2541CDGK TI-TLV2541CDGK Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541CDGK TI2-TLV2541CDGK Datasheet
893Kb / 34P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
REVISED APRIL 2010
More results

Similar Description - TLV2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com