Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2544 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2544 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2544 Datasheet HTML 1Page - Texas Instruments TLV2544 Datasheet HTML 2Page - Texas Instruments TLV2544 Datasheet HTML 3Page - Texas Instruments TLV2544 Datasheet HTML 4Page - Texas Instruments TLV2544 Datasheet HTML 5Page - Texas Instruments TLV2544 Datasheet HTML 6Page - Texas Instruments TLV2544 Datasheet HTML 7Page - Texas Instruments TLV2544 Datasheet HTML 8Page - Texas Instruments TLV2544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TLV2544, TLV2548
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS198A –FEBRUARY 1999– REVISED AUGUST 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Maximum Throughput 200 KSPS
D Built-In Reference, Conversion Clock and
8
× FIFO
D Differential/Integral Nonlinearity Error:
±1 LSB
D Signal-to-Noise and Distortion Ratio:
69 dB, fi = 12 kHz
D Spurious Free Dynamic Range: 75 dB,
fi = 12 kHz
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 20 MHz
D Single Wide Range Supply 2.7 Vdc to
5.5 Vdc
D Analog Input Range 0 V to Supply Voltage
with 500 kHz BW
D Hardware Controlled and Programmable
Sampling Period
D Low Operating Current (1 mA at 2.7 V,
1.2 mA at 5.5 V External Ref,
1.6 mA at 2.7 V,
2.1 mA at 5.5 V, Internal Ref)
D Power Down: Software/Hardware
Power-Down Mode (1
µA Max, Ext Ref),
Auto Power-Down Mode (1
µA, Ext Ref)
D Programmable Auto-Channel Sweep
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
A3
A4
CS
REFP
REFM
FS
PWDN
GND
CSTART
A7
A6
A5
DW OR PW PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
CS
REFP
REFM
FS
PWDN
GND
CSTART
A3
D OR PW PACKAGE
(TOP VIEW)
(TOP VIEW)
description
The TLV2548 and TLV2544 are a family of high performance, 12-bit low power, 3.6
µs, CMOS analog-to-digital
converters (ADC) which operate from a single 2.7 V to 5.5 V power supply. These devices have three digital
inputs and a 3-state output [chip select (CS), serial input-output clock (SCLK), serial data input (SDI) and serial
data output (SDO)] that provide a direct 4-wire interface to the serial port of most popular host microprocessors
(SPI interface). When interfaced with a DSP, a frame sync (FS) signal is used to indicate the start of a serial data
frame.
In addition to a high-speed A/D converter and versatile control capability, these devices have an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular
among high-performance signal processors. The TLV2548 and TLV2544 are designed to operate with very low
power consumption. The power-saving feature is further enhanced with software/hardware/auto power down
modes and programmable conversion speeds. The conversion clock (OSC) and reference are built-in. The
converter can use the external SCLK as the source of the conversion clock to achieve higher (up to 3.6
µs when
a 20 MHz SCLK is used) conversion speed. Two different internal reference voltages are available. An optional
external reference can also be used to achieve maximum flexibility.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544 TI1-TLV2544 Datasheet
1Mb / 48P
Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544 TI1-TLV2544 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544CD TI1-TLV2544CD Datasheet
1Mb / 48P
Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544CD TI1-TLV2544CD Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544CDG4 TI1-TLV2544CDG4 Datasheet
1Mb / 48P
Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
More results

Similar Description - TLV2544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com