Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2000-3 Datasheet(PDF) 4 Page - Emerson Network Power

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2000-3 Datasheet(HTML) 4 Page - Emerson Network Power

  DS2000-3_09 Datasheet HTML 1Page - Emerson Network Power DS2000-3_09 Datasheet HTML 2Page - Emerson Network Power DS2000-3_09 Datasheet HTML 3Page - Emerson Network Power DS2000-3_09 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 5.01.09_52
DS2000-3
4 of 4
Embedded Power for
Business-Critical Continuity
DCOutputConnectorPinout/Functions
UnitConnector;MolexBlade,(LPHSeries)45985-xxx
MatingConnector;MolexBlade,(LPHSeries)SD-45984-1462
SignalPin
#Comp Side
TopRow
Signal
Function
Signal
Description
A17
SPARE
A18
ACOK#
ACinputpresent
A19
A0
I2C address bit 0
A20
A2
I2C address bit 2
A21
SCL
I2CClocksignal
A22
PWOK#
PwrOKoutput
A23
12LS
12Vloadsharebus
A24
+12VRSRtn +12VRmtSenRtn
A25
3.3vsb
Stand-By
A26
3.3vsb
Stand-By
A27
3.3vsb
Stand-By
A28
3.3vsb
Stand-By
A29
3.3vsbRtn
Stand-By return
A30
3.3vsbRtn
Stand-By return
A31
3.3vsbRtn
Stand-By return
A32
3.3vsbRtn
Stand-By return
Power Blade
PB1Top
+12vdc
MainOutput
PB2Top
+12vdc
MainOutput
PB3Top
+12vdc
MainOutput
PB4Top
+12vdcRtn
MainOutput
PB5Top
+12vdcRtn
MainOutput
SignalPin
#Solder Side
BottomRow
Signal
Function
Signal
Description
A1
SPARE
A2
FANFAIL#
FanFailSignal
A3
SPARE
A4
A1
I2C address bit 1
A5
SDA
I2CDatasignal
A6
PRESENT# Power supply present
A7
PSON#
Power enable input
A8
+12VRS
+12VRemoteSense
A9
3.3vsb
Stand-By
A10
3.3vsb
Stand-By
A11
3.3vsb
Stand-By
A12
3.3vsb
Stand-By
A13
3.3vsbRtn
Stand-By return
A14
3.3vsbRtn
Stand-By return
A15
3.3vsbRtn
Stand-By return
A16
3.3vsbRtn
Stand-By return
Power Blade
PB1 Bottom
+12vdc
MainOutput
PB2 Bottom
+12vdc
MainOutput
PB3Bottom +12vdcRtn
MainOutput
PB4Bottom +12vdcRtn
MainOutput
PB5 Bottom +12vdcRtn
MainOutput
NO OF SIGNALS
OPTIONAL
SEE CHART
TOP ROW
BOTTOM ROW
A1
A17
PB1
PB2
PB3
PB4
PB5
TOP ROW
BOTTOM ROW
OPTIONAL PEGS
OPTIONAL GUIDES
Mating Connector - Molex p/n: 45984-1462
SignalPinA1BottomLeft
SignalPinA17TopLeft
SignalDescriptions
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DC Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com