Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS170 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS170
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS170 Datasheet(HTML) 2 Page - Emerson Network Power

  LPS170_09 Datasheet HTML 1Page - Emerson Network Power LPS170_09 Datasheet HTML 2Page - Emerson Network Power LPS170_09 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load 1 Regulation 2
Ripple P/P
(PARD)3
LPS172
5V(2.5-6V)
0A
22A
35A
38A
±2%
50mV
LPS173
12V(6-12V)
0A
9.1A
15A
16.5A
±2%
120mV
LPS174
15V(12-24V) 0A
7.3A
12A
13.2A
±2%
<1%
LPS175
24V(24-54V) 0A
4.5A
7.5A
8.2A
±2%
<1%
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4.RemoteinhibitresetsOVPlatch.
Note:-Csuffixaddedtothemodelnumberindicatescoveroption.
Rev. 06.15.09_101
LPS170 Series
 of 3
Operatingtemperature: 0°to50°Cambient;
derateeachoutputat2.5%perdegreefrom50°to70°C
Lowtemperaturestart:
-20°C
Temperaturecoefficient: ±0.4%per°C
Storagetemperature:
-40°to85°C
Electromagnetic
susceptibility:
DesignedtomeetIECEN61000-4,-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing5%to95%
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.dwellatfour
majorresonances0.75Gpeak5Hzto500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
LogicControl
Powerfailure:
TTLlogicsignalgoeshigh100-500msecafterV1output;Itgoeslowat
least4msecbeforelossofregulation
Remoteinhibit:
Requirescontactclosuretoinhibitoutputs
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremote
senseconnected.Reverseconnectionprotected.
DC-OK:
TTLlogicsignalgoeshighaftermainoutputisinregulation.Itgoeslow
whenthereisalossofregulation
PinAssignments
Connector LPS17x
SK1
PIN1
+12V
PIN2
5VStandby
Pin3
Common
Pin4
V1SWP
PIN5
Common
PIN6
+V1sense
PIN7
Sense common
PIN8
Remoteinhibit
PIN9
DCpowergood
PIN10
POK
SK2
TB-1
COMMON
TB-2
Mainoutput
SK3
PIN1
GROUND
PIN2
LINE
Pin 5
NEUTRAL
MatingConnectors
ACInput(SK3):
Molex09-50-8051(USA)
Molex09-91-0500(UK)
PINS:08-58-0111
DCOutputs(SK2): Molex19141-0058
ControlSignals
(SK1):
Molex90142-0010(USA)
PINS:90119-2110or
Amp:87977-3
PINS:87309-8
EmersonNetworkPowerConnectorKit#70-841-016,
includesalloftheabove
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”­­
(±0.5mm)
3. MountingholesM1andM2shouldbegroundedfor
EMIpurposes.
4. MountingholeM1issafetygroundconnection.
5. Specificationsareforconvectionratingatfactoryset-
tingsat115VACinput,25°Cunlessotherwisestated.
6. Warranty:2year
7. Weight:0.5lbs/0.23kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com