Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS40 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS40
Description  40 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40 Datasheet(HTML) 2 Page - Emerson Network Power

  NFS40 Datasheet HTML 1Page - Emerson Network Power NFS40 Datasheet HTML 2Page - Emerson Network Power NFS40 Datasheet HTML 3Page - Emerson Network Power NFS40 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.9.09_118
NFS40 Medical
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Environmental Specifications
Thermal performance:
Operating, see curve
0° C to +70 °C
Non-operating
-40 °C to +85 °C
0 - 50 °C ambient temperature,
convection cooled
40 W
0 - 50 °C ambient temperature
50 W @ 20 CFM
+50 °C to +70 °C ambient
Derate linearly to 50% load
Peak (30 seconds)
60 W
Relative humidity:
Non-condensing
5 to 95% RH
Altitude:
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11):
5 - 500 Hz
0.75 G peak
EMC Charateristics
Conducted emissions:
EN55022, FCC part 15
Level A
Radiated emissions:
EN55022, FCC part 15
Level A
ESD air:
EN61000-4-2, level 3
Perf. criteria 1
ESD contact:
EN61000-4-2, level 4
Perf. criteria 1
Surge:
EN61000-4-5, level 3
Perf. criteria 1
Fast transients:
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity:
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity:
EN61000-4-6, level 3
Perf. criteria 2
General Specifications
Hold-up time:
110 Vac
230 Vac
18 ms
132 ms
Efficiency:
110 Vac, 230 Vac
70% typical
Isolation voltage:
Input/output
Input/chassis
4000 Vac
1500 Vac
Switching frequency:
20 - 110 kHz
Approvals and standards:
(See Note 12)
VDE0750, IEC601, EN60601-1, UL2601, CSA C22.2 No. 125
Weight:
270 g (9.6 oz)
MTBF demonstrated:
MIL-HDBK-217E
170,000 hours
Electrical Specifications Continued



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com