Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP65-9905J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP65-9905J
Description  65 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9905J Datasheet(HTML) 3 Page - Emerson Network Power

  NLP65-9905J Datasheet HTML 1Page - Emerson Network Power NLP65-9905J Datasheet HTML 2Page - Emerson Network Power NLP65-9905J Datasheet HTML 3Page - Emerson Network Power NLP65-9905J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.18.09_104
NLP65 Medical
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output
Voltage
Output Current
Ripple (4)
Total
Regulation (6)
Model Number (11, 12)
Max (1)
Peak
Fan (10)
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9908J
+12 V
2.5 A
3.3 A
3 A
150 mV
±5.0%
–12 V
0.5 A
0.81 A
1 A
120 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9910J
+15 V
2.2 A
2.9 A
2.5 A
150 mV
±5.0%
–15 V
0.65 A
0.85 A
0.8 A
150 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9920J
+24 V
2 A
2.6 A
2 A
240 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9929J
+12 V
2.5 A
3.3 A
3 A
150 mV
±5.0%
+5 V
10 A
13 A
12 A
50 mV
±2.0%
NLP65-9905J
+12 V
5.4 A
7 A
6.5 A
120 mV
±2.0%
NLP65-9912J
+15 V
4.4 A
5.7 A
5.3 A
150 mV
±2.0%
NLP65-9915J
+24 V
2.7 A
3.5 A
3.5 A
240 mV
±2.0%
NLP65-9924J
Notes
Ordering Information
1 Natural convection cooling. Models NLP65-9929J, NLP65-9908J, NLP65-9910J must not exceed 62.5 Watts continuous output power with natural convection.
Model NLP65-9920J not to exceed 65 Watts continuous output power with natural convection.
2 When the input voltage is less than 90 Vac the operating temperature range is 0
°C to +40 °C. The ripple and regulation specifications may not be met.
3 Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total regulation limits.
4 Figure is peak-to-peak for convection power rating. Output noise measurements are made across a 20 MHz bandwidth using a 6 inch twisted pair, terminated
with a 10 µF electrolytic capacitor and a 0.1 µF ceramic capacitor.
5 Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G rms 5 Hz to 500 Hz.
6 To maintain stated regulation then:
for single output units
I ≥ 0.2 A I max.
for multiple output units
0.25 ≤ I(A)/I(B) ≤ 5, for I(A) ≥ 0.2 A I(A) max.
7 For optimum reliability, no part of the heatsink should exceed 120 oC, and no semiconductor case temperature should exceed 130 oC.
8 CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements.
9 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
10 Maximum continuous output power for all multiple output models must not exceed 75 Watts with 20 CFM forced air cooling at 50 oC.
11 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
12 NOTICE: Some models do not support all options. Please contact your local Emerson Network Power representative or use the on-line model number search
tool at http://www.PowerConversion.com to find a suitable alternative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com