Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4110CD Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV4110CD
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110CD Datasheet(HTML) 2 Page - Texas Instruments

  TLV4110CD Datasheet HTML 1Page - Texas Instruments TLV4110CD Datasheet HTML 2Page - Texas Instruments TLV4110CD Datasheet HTML 3Page - Texas Instruments TLV4110CD Datasheet HTML 4Page - Texas Instruments TLV4110CD Datasheet HTML 5Page - Texas Instruments TLV4110CD Datasheet HTML 6Page - Texas Instruments TLV4110CD Datasheet HTML 7Page - Texas Instruments TLV4110CD Datasheet HTML 8Page - Texas Instruments TLV4110CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV4110 AND TLV4111 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
SMALL OUTLINE
SYMBOL
PLASTIC DIP
(D)†‡
(DGN)†
SYMBOL
(P)
0
°Cto70°C
TLV4110CD
TLV4110CDGN
xxTIAHL
TLV4110CP
0
°C to 70°C
TLV4111CD
TLV4111CDGN
xxTIAHN
TLV4111CP
–40
°Cto125°C
TLV4110ID
TLV4110IDGN
xxTIAHM
TLV4110IP
– 40
°C to 125°C
TLV4111ID
TLV4111IDGN
xxTIAHO
TLV4111IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV4110CDR).
‡ In the SOIC package, the maximum RMS output power is thermally limited to 350 mW; 700 mW peaks can be driven, as
long as the RMS value is less than 350 mW.
TLV4112 AND TLV4113 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
SMALL OUT-
LINE
SYMBOL
SMALL OUTLINE
SYMBOL
PLASTIC DIP
(D)†§
LINE
(DGN)†
SYMBOL
(DGQ)†
SYMBOL
(P)
0
°Cto70°C
TLV4112CD
TLV4112DGN
xxTIAHP
—
—
TLV4112CP
0
°C to 70°C
TLV4113CD‡
—
—
TLV4113CDGN‡
xxTIAHR
TLV4113CN‡
–40
°Cto125°C
TLV4112ID
TLV4112IDGN
xxTIAHQ
—
—
TLV4112IP
– 40
°C to 125°C
TLV4113ID‡
—
—
TLV4113IDGN‡
xxTIAHS
TLV4113IN‡
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV4112CDR).
‡ This device is in the Product Preview stage of development. Contact the local TI sales office for more information.
§ In the SOIC package, the maximum RMS output power is thermally limited to 350 mW; 700 mW peaks can be driven, as long as the
RMS value is less than 350 mW.
TLV411x PACKAGE PINOUTS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
GND
NC
1SHDN
NC
VDD
2OUT
2IN –
2IN+
NC
2SHDN
NC
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
SHDN
NC
VDD
OUT
TLV4110
D, DGN OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN+
TLV4112
D, DGN, OR P PACKAGE
(TOP VIEW)
TLV4113
D OR N PACKAGE
NC – No internal connection
1
2
3
4
5
10
9
8
7
6
1OUT
1IN –
1IN+
GND
1SHDN
VDD+
2OUT
2IN –
2IN+
2SHDN
TLV4113
DGQ PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
NC
VDD
OUT
NC
TLV4111
D, DGN OR P PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com