Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2061 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061 Datasheet(HTML) 2 Page - Texas Instruments

  TLE2061 Datasheet HTML 1Page - Texas Instruments TLE2061 Datasheet HTML 2Page - Texas Instruments TLE2061 Datasheet HTML 3Page - Texas Instruments TLE2061 Datasheet HTML 4Page - Texas Instruments TLE2061 Datasheet HTML 5Page - Texas Instruments TLE2061 Datasheet HTML 6Page - Texas Instruments TLE2061 Datasheet HTML 7Page - Texas Instruments TLE2061 Datasheet HTML 8Page - Texas Instruments TLE2061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2061 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLAT PACK
(U)
500
µV
—
—
—
—
—
—
0
°C to 70°C
1.5 mV
TLE2061ACD
—
—
TLE2061ACP
—
—
0 C to 70 C
3 mV
TLE2061CD
—
—
TLE2061CP
TLE2061CPWLE
—
500
µV
—
—
—
—
—
—
−40
°C to 85°C
1.5 mV
TLE2061AID
—
—
TLE2061AIP
—
—
−40 C to 85 C
3 mV
TLE2061ID
—
—
TLE2061IP
—
—
500
µV
—
—
TLE2061BMJG
—
—
—
−55
°C to 125°C
1.5 mV
TLE2061AMD
TLE2061AMFK
TLE2061AMJG
—
—
TLE2061AMU
−55 C to 125 C
3 mV
TLE2061MD
TLE2061MFK
TLE2061MJG
—
—
TLE2061MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2061ACDR).Chips are tested at 25°C.
‡ The PW package is available left-end taped and reeled (indicated by the LE suffix on the device type (e.g., TLE2061CPWLE).
TLE2062 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
CERAMIC
FLAT PACK
(U)
0
°C
to
70
°C
1 mV
2 mV
4 mV
TLE2062BCD
TLE2062ACD
TLE2062CD
—
—
—
—
—
—
TLE2062BCP
TLE2062ACP
TLE2062CP
—
—
—
−40
°C
to
85
°C
1 mV
2 mV
4 mV
TLE2062BID
TLE2062AID
TLE2062ID
—
—
—
—
—
—
TLE2062BIP
TLE2062AIP
TLE2062IP
—
—
—
−55
°C
to
125
°C
1 mV
2 mV
4 mV
TLE2062BMD
TLE2062AMD
TLE2062MD
—
TLE2062AMFK
TLE2062MFK
TLE2062BMJG
TLE2062AMJG
TLE2062MJG
—
—
—
—
TLE2062AMU
TLE2062MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2062ACDR).
TLE2064 AVAILABLE OPTIONS
PACKAGED DEVICES
VIOmax
SMALL OUTLINE†
CHIP CARRIER
CERAMIC DIP
PLASTIC DIP
CERAMIC
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
CERAMIC
FLAT PACK
TA
AT 25
°C
(D)
(FK)
(J)
(N)
FLAT PACK
(W)
0
°C
to
70
°C
2 mV
4 mV
6 mV
—
TLE2064ACD
TLE2064CD
—
—
TLE2064BCN
TLE2064ACN
TLE2064CN
—
−40
°C
to
85
°C
2 mV
4 mV
6 mV
—
TLE2064AID
TLE2064ID
—
—
TLE2064BIN
TLE2064AIN
TLE2064IN
—
−55
°C
to
125
°C
2 mV
4 mV
6 mV
—
TLE2064AMD
TLE2064MD
TLE2064BMFK
TLE2064AMFK
TLE2064MFK
TLE2064BMJ
TLE2064AMJ
TLE2064MJ
—
—
TLE2064AMW
TLE2064MW
† The D packages are available taped and reeled. Add R suffix to device type, (e.g., TLE2064ACDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com