Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5613 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5613
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5613 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5613 Datasheet HTML 1Page - Texas Instruments TLV5613 Datasheet HTML 2Page - Texas Instruments TLV5613 Datasheet HTML 3Page - Texas Instruments TLV5613 Datasheet HTML 4Page - Texas Instruments TLV5613 Datasheet HTML 5Page - Texas Instruments TLV5613 Datasheet HTML 6Page - Texas Instruments TLV5613 Datasheet HTML 7Page - Texas Instruments TLV5613 Datasheet HTML 8Page - Texas Instruments TLV5613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLV5613
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS174A – DECEMBER 1997 – REVISED JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 12-Bit Voltage Output DAC
D Single Supply 2.7-V to 5.5-V Operation
D Separate Analog and Digital Supplies
D ±0.4 LSB Differential Nonlinearity (DNL),
±1.5 LSB Integral Nonlinearity (INL)
D Programmable Settling Time vs Power
Consumption:
1
µs/4.2 mW in Fast Mode,
3.5
µs/1.2 mW in Slow Mode
D 8-Bit µController Compatible Interface (8+4
Bit)
D Power-Down Mode (50 nW)
D Rail-to-Rail Output Buffer
D Synchronous or Asynchronous Update
D Monotonic Over Temperature
applications
D Digital Servo Control Loops
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Speech Synthesis
D Machine and Motion Control Devices
D Mass Storage Devices
description
The
TLV5613
is
a
12-bit
voltage
output
digital-to-analog converter (DAC) with a 8-bit
microcontroller compatible parallel interface. The
8 LSBs, the 4 MSBs and 3 control bits are written
using three different addresses. Developed for a
wide range of supply voltages, the TLV5613 can
be operated from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class A
(slow mode: AB) output stage to improve stability and reduce settling time. The programmable settling time of
the DAC allows the designer to optimize speed versus power dissipation. The settling time can be chosen by
the control bits within the 16-bit data word.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It
is available in 20 pin SOIC in standard commercial and industrial temperature ranges.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
TSSOP
(PW)
0
°C to 70°C
TLV5613CDW
TLV5613CPW
–40
°C to 85°C
TLV5613IDW
TLV5613IPW
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D2
D3
D4
D5
D6
D7
A1
A0
SPD
DVDD
D1
D0
CS
WE
LDAC
PWD
GND
OUT
REF
AVDD
DW OR PW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV5613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5613 TI-TLV5613 Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI2-TLV5613 Datasheet
362Kb / 22P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
REVISED NOVEMBER 2000
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com