Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4112CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4112CD
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4112CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV4112CD Datasheet HTML 8Page - Texas Instruments TLV4112CD Datasheet HTML 9Page - Texas Instruments TLV4112CD Datasheet HTML 10Page - Texas Instruments TLV4112CD Datasheet HTML 11Page - Texas Instruments TLV4112CD Datasheet HTML 12Page - Texas Instruments TLV4112CD Datasheet HTML 13Page - Texas Instruments TLV4112CD Datasheet HTML 14Page - Texas Instruments TLV4112CD Datasheet HTML 15Page - Texas Instruments TLV4112CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
_
+
Rnull
RL
CL
Figure 26
general power design considerations
When driving heavy loads at high junction temperatures there is an increased probability of electromigration
affecting the long term reliability of ICs. Therefore for this not to be an issue either
D the output current must be limited (at these high junction temperatures) or
D the junction temperature must be limited.
The maximum continuous output current at a die temperature 150
°C will be 1/3 of the current at 105°C.
The junction temperature will be dependent on the ambient temperature around the IC, thermal impedance from
the die to the ambient and power dissipated within the IC.
TJ = TA + θJA × PDIS
Where
PDIS is the IC power dissipation and is equal to the output current multiplied by the voltage dropped across the
output of the IC.
θJA is the thermal impedance between the junction and the ambient temperature of the IC.
TJ is the junction temperature.
TA is the ambient temperature.
Reducing one or more of these factors will result in a reduced die temperature. The 8-pin SOIC (small outline
integrated circuit) has a thermal impedance from junction to ambient of 176
°C/W. For this reason we
recommend that the maximum power dissipation of the 8-pin SOIC package be limited to 350 mW, with peak
dissipation of 700 mW as long as the RMS value is less than 350 mW.
The use of the MSOP PowerPAD
™ dramatically reduces the thermal impedance from junction to case. And with
correct mounting, the reduced thermal impedance will greatly increase the IC’s permissible power dissipation
and output current handling capability. For example, the power dissipation of the PowerPAD
™ is increased to
above 1 W. Sinusoidal and pulse-width modulated output signals will also increase the output current capability.
The equivalent dc current is proportional to the square-root of the duty cycle:
I
DC(EQ) +
I
Cont
(duty cycle)
CURRENT DUTY CYCLE
AT PEAK RATED CURRENT
EQUIVALENT DC CURRENT
AS A PERCENTAGE OF PEAK
100
100
70
84
50
71
Note that with an operational amplifier, a duty cycle of 70% would often result in the op amp sourcing current
70% of the time and sinking current 30%, therefore, the equivalent dc current would still be 0.84 times the
continuous current rating at a particular junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com